Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90616 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90616
Description  Infra Red Thermometer in TO-39 for high temperature thermometer guns
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90616 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90616 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MLX90616ESF-HCA
Infra Red Thermometer in TO-39
for high temperature thermometer guns
3901090616
Page 11 of 36
Data Sheet
Rev 002
August 20, 2012
The address ConfigRegister1 consists of control bits for configuring the analog and digital parts:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Config register bit meaning
1
0
0
- IIR (100%) a1=1, b1=0
1
0
1
- IIR (80%) a1=0.8, b1=0.2
1
1
0
- IIR (67%) a1=0.666, b1=0.333
1
1
1
- IIR (57%) a1=0.571, b1=0.428
0
0
0
- IIR (50%) a1=0.5, b1=0.5
0
0
1
- IIR (25%) a1=0.25, b1=0.75
0
1
0
- IIR (17%) a1=0.166(6), b1=0.83(3)
1
1
1
- IIR (13%) a1=0.125, b1=0.875
0
- Repeat sensor test "OFF"
1
- Repeat sensor test "ON"
0
0
- Ta on PWM channel 1, Tobj1 on PWM channel 2
0
1
Not Valid
1
0
Not Valid
1
1
- Tobj1 on PWM channel 1
1
- This bit should always be set to '1'
M
- Melexis reserved - Do not change
0
0
0
- FIR = 8 not recommended
0
0
1
- FIR = 16 not recommended
0
1
0
- FIR = 32 not recommended
0
1
1
- FIR = 64 not recommended
1
0
0
- FIR = 128
1
0
1
- FIR = 256
1
1
0
- FIR = 512
1
1
1
- FIR = 1024
0
0
0
- GAIN = 1 - Amplifier is bypassed
0
0
1
- GAIN = 3
0
1
0
- GAIN = 6
0
1
1
- GAIN = 12,5
1
0
0
- GAIN = 25
1
0
1
- GAIN = 50
1
1
0
- GAIN = 100
1
1
1
- GAIN = 100
M
- Melexis reserved - Do not change
0
- Enable sensor test
1
- Disable sensor test
Note: The following bits/registers should not be altered (except with special tools
– contact Melexis for tools
availability) in order to keep the factory calibration relevant: Ke [15..0] ; Config Register1 [13..11;7;3] ;
addresses 0x00F and 0x019.
Table 6: Configuration register 1


Similar Part No. - MLX90616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
MLX90614 ETC2-MLX90614 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90616

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Extech Instruments Corp...
42542 EXTECH-42542 Datasheet
821Kb / 1P
   High Temperature IR Thermometer
logo
Testo SE & Co. KGaA
TESTO106 TESTO-TESTO106 Datasheet
229Kb / 2P
   Core temperature thermometer
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
   Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
   Hygro-Thermometer InfraRed Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com