Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX91206LDCCAH-021RE Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX91206LDCCAH-021RE
Description  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-021RE Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX91206LDCCAH-021RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 6
Datasheet MLX91206
Rev 043
April 2016
7 Magnetic specification
7.1 25 mT version (marking xxH)
Operating Parameters TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Field Range
Bnom
-20
+20
mT
Operational Field Range (1)
Bop
-25
+25
mT
Linearity Error
NL
Nominal Field Range (25°C)
-0.5
+0.5
%FS
Operational Field Range (25°C) -0.75
+0.75
%FS
Hysteresis, remanent Field
Br
B = Bop
-25
+25
uT
Programmable Sensitivity (2)
S
B = Bop , Analog Mode
80
330
mV/mT
Sensitivity programming Resolution
Sres
B = Bop
0.1
%
Table 4: Magnetic specification 25mT version (high-field version)
(1) Above 25 mT, the IMC starts saturating yielding to an increase of the linearity error.
(2) The specified programmable sensitivity range is covered by 5 different versions (option codes)
Option code (25mT)
Programmed Sensitivity
Sensitivity Range
CAH-001
270mV/mT
210 - 330mV/mT
CAH-002
170mV/mT
130 - 220mV/mT
CAH-003
110mV/mT
80 - 140mV/mT
CAH-004
77.5mV/mT
60 - 110mV/mT
CAH-021
270mV/mT
210 - 330mV/mT
7.2 10 mT version (marking xxL)
Operating Parameters TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Field Range
Bnom
-7.5
+7.5
mT
Operational Field Range (3)
Bop
-10
+10
mT (2)
Linearity Error
NL
Nominal Field Range (25°C)
-0.5
+0.5
%FS
Operational Field Range (25°C) -0.75
+0.75
%FS
Hysteresis, remanent Field
Br
B = Bop
-10
+10
uT
Programmable Sensitivity (4)
S
B = Bop , Analog Mode
200
700
mV/mT
Sensitivity programming Resolution
Sres
B = Bop
0.1
%
Table 5: Magnetic specification 10mT version (low-field version)
(3) Above 10 mT, the IMC starts saturating yielding to an increase of the linearity error.
(4) The specified programmable sensitivity range is covered by 3 different versions (option codes)
Option code (10mT)
Programmed Sensitivity
Sensitivity Range
CAL-001
580mV/mT
460-700mV/mT
CAL-002
380mV/mT
300-470mV/mT
CAL-003
250mV/mT
200-310mV/mT


Similar Part No. - MLX91206LDCCAH-021RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Similar Description - MLX91206LDCCAH-021RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com