Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90367LGOABU000RE Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90367LGOABU000RE
Description  Triaxis횘 Position Sensor IC feat. SENT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367LGOABU000RE Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90367LGOABU000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90367LGOABU000RE Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 11 of 36
Datasheet
Rev 5.2
Dec. 15, 15
9.2. Application diagram used for rise and fall time measurement
Figure 7: Schematic used for rise and fall time measurements (ref: J2716 Rev Jan 2010 Fig. 6.3.4)
Compoment
Value
Unit
C01
10 ± 25%
nF
C02
not mounted
nF
R01
not mounted
Ohms
Cinput
68
pF
CTau
2.2
nF
Cf
100
pF
RTau
568
Ohms
Rf
10
kOhms
RPU
14.7
kOhms
RV
not mounted
Ohms
Component values used for rise and fall time measurements (ref: J2716 Rev Jan 2010 Fig. 6.3.4)


Similar Part No. - MLX90367LGOABU000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
1Mb / 23P
   Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
More results

Similar Description - MLX90367LGOABU000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90366 MELEXIS-MLX90366 Datasheet
1Mb / 34P
   Triaxis??Position Sensor Assembly feat. SENT
MLX90360KGO-ACD MELEXIS-MLX90360KGO-ACD Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
   Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
   Inductive Position Sensor IC
Aug.5.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com