Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90324LDCDBO-000TU Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90324LDCDBO-000TU
Description  ?쏹nder-the-Hood??Triaxis짰 Rotary Position
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90324LDCDBO-000TU Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90324LDCDBO-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90324LDCDBO-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
MLX90324
“Under-the-Hood” Triaxis® Rotary Position
feat. SENT Protocol
3901090324
Page 6 of 41
Data Sheet
Rev. 004
Sep/13
5. Absolute Maximum Ratings
Parameter
Value
Supply Voltage, VDD (overvoltage)
+ 20 V
Reverse Voltage Protection
− 10 V
Positive Output Voltage
+ 10 V
+ 14 V (200 s max − TA = + 25°C)
Positive Output Voltage (Switch Out)
+ 10 V
+ 14 V (200 s max − TA = + 25°C)
Output Current (IOUT)
± 30 mA
Reverse Output Voltage
− 0.3 V
Reverse Output Current
− 50 mA
Operating Ambient Temperature Range, TA
− 40°C … + 150°C
Storage Temperature Range, TS
− 40°C … + 150°C
Magnetic Flux Density
± 700 mT
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
6. Detailed Description
As described on the block diagram (Figure 1 and Figure 2), the magnetic flux density parallel to the IC
surface is sensed through the Tria⊗is® sensor front-end. This front-end consists into two orthogonal pairs
(for each of the two directions parallel with the IC surface i.e. X and Y) of conventional planar Hall plates
(blue area on Figure 3) and an Integrated Magneto-Concentrator (IMC® yellow disk on Figure 3).
Figure 3 - Tria⊗is® sensor front-end (4 Hall plates + IMC® disk)
Hall Plates


Similar Part No. - MLX90324LDCDBO-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90324 MELEXIS-MLX90324 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
More results

Similar Description - MLX90324LDCDBO-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90371EAC MELEXIS-MLX90371EAC Datasheet
1Mb / 40P
   Triaxis짰 Position Sensor
MLX90374 MELEXIS-MLX90374 Datasheet
2Mb / 77P
   Triaxis짰 Position Processor
MLX90373 MELEXIS-MLX90373 Datasheet
3Mb / 55P
   Triaxis짰 Position Processor
MLX90378 MELEXIS-MLX90378 Datasheet
2Mb / 66P
   Triaxis짰 Position Processor
MLX90333 MELEXIS-MLX90333_13 Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90365EDC-ABB MELEXIS-MLX90365EDC-ABB Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90364 MELEXIS-MLX90364 Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com