Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90292LGOCAE-000RE Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90292LGOCAE-000RE
Description  SMD Programmable Linear Hall Sensor IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90292LGOCAE-000RE Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90292LGOCAE-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90292LGOCAE-000RE Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MLX90292
SMD Programmable Linear Hall Sensor IC
PWM / PAS4 / PSI5-A
Mar/12
Rev. 2
Page 9 of 27
9. Timing Specification PWM
DC Operating Parameters at Vdd = + 6V and for TA = – 40°C… + 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Fall/Rise Time Current Slope
Tfall-rise
Strongly depends on external
components, 20%..80% (of < Is)
100
300
ns
Normal PWM operation
PWM frequency
PWM_Freq
with EE_PWM_Freq = 0 or 7
1.8
2
2.2
kHz
with EE_PWM_Freq = 1
0.9
1
1.1
kHz
with EE_PWM_Freq = 2
450
500
550
Hz
with EE_PWM_Freq = 3
360
400
440
Hz
with EE_PWM_Freq = 4
225
250
275
Hz
with EE_PWM_Freq = 5
180
200
220
Hz
with EE_PWM_Freq = 6
112
125
138
Hz
Signal Latency (note 1)
Siglat
with EE_PWM_Freq = 0 or 7
792
880
968
µ
s
with EE_PWM_Freq = 1
1.692 1.88
2.068
ms
with EE_PWM_Freq = 2
3.492 3.88
4.268
ms
with EE_PWM_Freq = 3
4.392 4.88
5.368
ms
with EE_PWM_Freq = 4
7.092 7.88
8.668
ms
with EE_PWM_Freq = 5
8.892 9.88
10.87
ms
with EE_PWM_Freq = 6
14.29 15.88 17.47
ms
PWM upper diagnostic Range
Diag_High
98
%
PWM lower diagnostic Rangel
Diag_Low
2
%
PWM signal operating Range
Sig_Range Note 2)
3
97
%
PWM Resolution
PWM_Res
12
Bits
Note:
1)
Signal latency is defined as the time between the second half of the sampling integration
time interval of the Hall plate voltage of cycle N and the end of the next PWM cycle N+1.
2)
Represents the value of the Duty Cycle
Figure 5: Signal timing (frame), PWM operation


Similar Part No. - MLX90292LGOCAE-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
MLX90290LSEAAA-XYZRE MELEXIS-MLX90290LSEAAA-XYZRE Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
MLX90290LUAAAA-XYZBU MELEXIS-MLX90290LUAAAA-XYZBU Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
MLX90291 MELEXIS-MLX90291 Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
MLX90291KDCBCA-000RE MELEXIS-MLX90291KDCBCA-000RE Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
More results

Similar Description - MLX90292LGOCAE-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90291 MELEXIS-MLX90291 Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
MLX90288 MELEXIS-MLX90288 Datasheet
308Kb / 19P
   SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com