Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90363EDCABB-000TU Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90363EDCABB-000TU
Description  Triaxis짰 Magnetometer IC With High Speed Serial Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90363EDCABB-000TU Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90363EDCABB-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90363EDCABB-000TU Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
MLX90363
Triaxis® Magnetometer IC
With High Speed Serial Interface
3901090363
Page 8 of 57
Data Sheet
Rev. 005
Jul/13
8. MLX90363 Electrical Specification
DC Operating Parameters at VDD = 5V (5V Application Diagram) or VDD = 3.3V (3V3 Application
Diagram) and for TA as specified by the Temperature suffix (E, K and L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
VDD5
5V Application Diagram
4.5
5
5.5
V
Nominal Supply Voltage
VDD33
3V3 Application Diagram
3.15
3.3
3.45
V
Supply Current (4)
IDD
12.5
15.5
mA
Standby Current
ISTANDBY
3.5
4.5
mA
Supply Current at VDD MAX
IDDMAX
VDD = 18V
18
mA
POR Rising Level
POR LH
Voltage referred to VDEC
2.6
2.8
3.1
V
POR Falling Level
POR HL
Voltage referred to VDEC
2.5
2.7
2.9
V
POR Hysteresis
POR Hyst
Voltage referred to VDEC
0.1
V
MISO Switch Off Rising Level
MT8V LH
VDD level for disabling MISO(5)
7.5
9.5
V
MISO Switch Off Falling Level
MT8V HL
VDD level for disabling MISO(5)
6
7.5
V
MISO Switch Off Hysteresis
MT8V Hyst
VDD level for disabling MISO(5)
1
2
V
Input High Voltage Level
VIH
65%*VDD
-
-
V
Input Low Voltage Level
VIL
-
-
35%*VDD
V
Input Hysteresis
VHYS
20%*VDD
V
Input Capacitance
CIN
Referred to GND
20
pF
Output High Voltage Level
VOH
Current Drive IOH = 0.5 mA
VDD-0.4
V
Output Low Voltage Level
VOL
Current Drive IOH = 0.5 mA
0.4
V
Output High Short Circuit Current
IshortH
VOUT forced to 0V
20
30
mA
Output Low Short Circuit Current
IshortL
VOUT forced to VDD
25
30
mA
9. MLX90363 Isolation Specification
Only valid for the package code GO i.e. dual die version.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Isolation Resistance
Between 2 dies
4
M
4 For the dual version, the supply current is multiplied by 2
5
Above the MT8V threshold, no SPI communication is possible.


Similar Part No. - MLX90363EDCABB-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
MLX90360EDCACD-000RE MELEXIS-MLX90360EDCACD-000RE Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360EDCACD-000TU MELEXIS-MLX90360EDCACD-000TU Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
More results

Similar Description - MLX90363EDCABB-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90395 MELEXIS-MLX90395 Datasheet
944Kb / 57P
   Triaxis짰 Magnetometer Node
MLX90365EDC-ABB MELEXIS-MLX90365EDC-ABB Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
   High-speed differential serial interface
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
logo
Holt Integrated Circuit...
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com