Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90291KDCBCA-000RE Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90291KDCBCA-000RE
Description  SMD Programmable Linear Hall Sensor IC Featuring PWM Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90291KDCBCA-000RE Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90291KDCBCA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90291KDCBCA-000RE Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MLX90291
SMD Programmable Linear Hall Sensor IC
Featuring PWM Output
3901090291
Page 8 of 18
Data Sheet
Rev 002
Mar/12
12 Programmable Items
12.1 Parameter table
Parameter
Bits
Comment
OUTMODE
1
Push pull or open drain output drive
ROUGHGAIN
3
Rough gain preamplifier
FINEGAIN
13
Digital fine gain adjustment from -3.999 to +3.999
XA
14
Offset before gain
YA
15
Offset after gain, (Xa,Ya) defines the zero Gauss point
CLAMP
3
Clamp high and clamp low level
FILTCODE
4
Digital output filter
OUTSLOPE
2
Output Slope Control
DCDEF
1
PWM Duty Cycle Definition
TC1ST
7
Sensitivity temperature drift correction 1st order
TC2ND
6
Sensitivity temperature drift correction 2nd order
OFFDRIFT
6
Residual Offset Correction
SWITCH
1
PWM/Switch mode
PLATEPOL
1
Invert Sensitivity Sign
ATTN2P5
1
Attenuator block switch
CSTID
16
Melexis ID
Table 8: Customer programmable items
12.2 Output mode configuration (OUTMODE)
OUTMODE configures the output driver.
OUTMODE
Output Driver
0
PWM Open-drain
1
PWM Push-pull
Table 9: Output configuration
12.3 Sensitivity programming (ROUGHGAIN, FINEGAIN)
ROUGHGAIN[2:0]
This 3-bit register controls the gain of the pre-amplifier.
The MSB controls the enable of the PREAMP function with a gain of 4.3 (~2mA extra IDD)
The 2 LSB control the gain of the MAINAMP


Similar Part No. - MLX90291KDCBCA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
MLX90290LSEAAA-XYZRE MELEXIS-MLX90290LSEAAA-XYZRE Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
MLX90290LUAAAA-XYZBU MELEXIS-MLX90290LUAAAA-XYZBU Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
MLX90292 MELEXIS-MLX90292 Datasheet
1Mb / 27P
   SMD Programmable Linear Hall Sensor IC
MLX90292LGOCAE-000RE MELEXIS-MLX90292LGOCAE-000RE Datasheet
1Mb / 27P
   SMD Programmable Linear Hall Sensor IC
More results

Similar Description - MLX90291KDCBCA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90288 MELEXIS-MLX90288 Datasheet
308Kb / 19P
   SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
MLX90292 MELEXIS-MLX90292 Datasheet
1Mb / 27P
   SMD Programmable Linear Hall Sensor IC
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990 Datasheet
699Kb / 24P
   Programmable Linear Output Hall Sensor
V 2.0, 2004-05
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
ams AG
AS5510 AMSCO-AS5510 Datasheet
254Kb / 19P
   Linear Hall Sensor with IC Output
logo
List of Unclassifed Man...
AS5510-DWLT ETC2-AS5510-DWLT Datasheet
576Kb / 29P
   Linear Hall Sensor with IC Output
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
   Linear Hall-Effect Sensor with PWM Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com