Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90290LSEAAA-XYZRE Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90290LSEAAA-XYZRE
Description  High Speed Programmed Linear Hall IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90290LSEAAA-XYZRE Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90290LSEAAA-XYZRE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90290LSEAAA-XYZRE Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MLX90290
High Speed Programmed Linear Hall IC
14.
Application Information
14.1 Typical Application Circuit
Notes:
For proper operation a 100nF or bigger bypass capacitor C1 should be placed as close as possible to the VDD and GND
pins of MLX90290.
For embedded applications the components RS, RL and CL are not required.
VDD
OUT
GND
MLX90290
ECU
Rs
RL
CL
VDD
OUTPUT
GND
+5V (3.3V)
C1
0.1uF
Module
14.2 Application Circuit for Harsh and Noisy Environment
VDD
OUT
GND
MLX90290
ECU
Rs
RL
CL
C3
VDD
OUTPUT
GND
+5V (3.3V)
C1
0.1uF
C2
Notes:
For proper operation a 100nF or bigger bypass capacitor C1 should be placed as close as possible to the VDD and GND
pins of MLX90290. For harsh and noisy environment, a bypass capacitor C2 of 1nF to 10nF can be placed on the output.
For improved EMC performance an additional resistance, Rs and capacitors, C3 and C4 placed close to the connector of
the module are recommended. Recommended values for:
Rs ≥ 50E, 1nF ≥ C3 ≤ 4.7nF, 1nF ≥ C4 ≤ 10nF.
For embedded applications the components RL and CL are not required.
C4
Module
3901090290
Page 9 of 14
Data Sheet
Rev 001
October 2014


Similar Part No. - MLX90290LSEAAA-XYZRE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90291 MELEXIS-MLX90291 Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
MLX90291KDCBCA-000RE MELEXIS-MLX90291KDCBCA-000RE Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
MLX90291KDCBCA-000TU MELEXIS-MLX90291KDCBCA-000TU Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
MLX90292 MELEXIS-MLX90292 Datasheet
1Mb / 27P
   SMD Programmable Linear Hall Sensor IC
MLX90292LGOCAE-000RE MELEXIS-MLX90292LGOCAE-000RE Datasheet
1Mb / 27P
   SMD Programmable Linear Hall Sensor IC
More results

Similar Description - MLX90290LSEAAA-XYZRE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
A1359 ALLEGRO-A1359 Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Melexis Microelectronic...
MLX91207 MELEXIS-MLX91207 Datasheet
610Kb / 21P
   High Speed Hall Sensor IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
   LINEAR HALL EFFECT IC
AH49F DIODES-AH49F Datasheet
467Kb / 12P
   LINEAR HALL EFFECT IC
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
   LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
   LINEAR HALL-EFFECT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com