Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90360EGOACD-000TU Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90360EGOACD-000TU
Description  Triaxis횘 Position Sensor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90360EGOACD-000TU Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90360EGOACD-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90360EGOACD-000TU Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
MLX90360
Triaxis
®
®
®
® Position Sensor IC
MLX90360
Page 10 of 35
Datasheet
Rev. 009
Dec/13
' - ,
" &6 ; +=
1
'" )%
)"#
)(
6 %
? +
"(+ )"#
)(
?
'
? +
@
' - ,
" &6 A
+= 7)-B
' - ,
" &6 A
+= 7)-B
>
?
'
? +
@
' -
" &6 ≥ +=
>
?
'
? +
@
' - ,
" &6 ≥ +=
>
?
'
? +
@
' -
" &6 A
+= 7)-B
>
. "/
6 %
. "/ <
' # "//"*
>
. "/ <9)
' # "//"*
>
As an illustration of the previous table, the MLX90360 fits the typical classification of the output span
described on the Figure 6.
!
!
" #
$" #
%" #
&" #
'" #
(" #
)" #
*" #
+" #
," #
$"" #
,) #
' #
,% #
++ #
$% #
+ #
Figure 6 – Example of Output Span Classification for typical application.
4
")
) 8 /" ) $
"
( )
. "/ ) # %
* (
)
% 9
"
" )
8 9
"#
" < "
" <9)


Similar Part No. - MLX90360EGOACD-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
MLX90360KGO-ACD MELEXIS-MLX90360KGO-ACD Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
More results

Similar Description - MLX90360EGOACD-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360KGO-ACD MELEXIS-MLX90360KGO-ACD Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
   Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
   Inductive Position Sensor IC
Aug.5.22
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com