Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90360LDCACD-200RE Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90360LDCACD-200RE
Description  Triaxis횘 Position Sensor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90360LDCACD-200RE Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90360LDCACD-200RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90360LDCACD-200RE Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MLX90360
Triaxis
®
®
®
® Position Sensor IC
MLX90360
Page 11 of 35
Datasheet
Rev. 009
Dec/13
8. MLX90360 Isolation Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (E or K or L). Only valid for the package code GO i.e. dual die version.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
" )
& ) " (
? ,
)
3C
9. MLX90360 Timing Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (E or K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
3") . (+ 4 D
(!
.+
, /
4" /
1
1
1
1
1
1
37E
37E
3") . (+ 4 D
(! 9 /"
)8
.+
6)8 )/ ) (
±
>
.+ 3
& 8
9 &"
, /
4" /
F
F
&
)/
,&"
88 ( 5(
, /
$ 4)
;
, /
$ 4)
;
4" /
$ 4)
;
1
1
1
1
1
1
/
/
/
G" (9 #
G
, 3
.+ ; 37E
( )
1
/
'9"
9)8
'
, /
$ 4)
;
1
#H7E
" -
.!(
,&"
88 ( 5(
, /
4" /
1
1
/
/
0 " #
, &"
3
8 / .
;
4
4
3
.
;
4
3
.
;
4
3
.
;
4
1
H/
H/
H/
H/
( )
8
") ( (
) #
, "
4" /
"( )%" )
6
( )
1 8
") ( (
) # 4)
" "/


Similar Part No. - MLX90360LDCACD-200RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
MLX90360KGO-ACD MELEXIS-MLX90360KGO-ACD Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
More results

Similar Description - MLX90360LDCACD-200RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360KGO-ACD MELEXIS-MLX90360KGO-ACD Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
   Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
   Inductive Position Sensor IC
Aug.5.22
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com