Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40030CTR Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR40030CTR
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR40030CTR Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR40030CTR Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR40030CTR Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR40030CTR Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 30 V
IF(AV) = 400 A
Features
• High Surge Capability
Twin Tower Package
• Type 30 V VRRM
• Not ESD Sensitive
Parameter
MBR40030CT(R)L Unit
30
V
21
V
MBR40030CT(R)L
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Conditions
Symbol
VRRM
VRMS
V
Low VF Silicon Power
Schottky Diode
M i
DC bl ki
lt
30
V
-55 to 150
°C
-55 to 150
°C
Parameter
MBR40030CT(R)L Unit
400
A
3000
A
0.58
3
200
Thermal characteristics
Maximum thermal resistance,
junction - case
(per leg)
0.35
°C/W
mA
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
Tstg
Symbol
Operating temperature
Storage temperature
TC = 100 °C
VDC
Tj
R
ΘJC
Average forward current (per pkg)
Maximum instantaneous forward voltage (per
leg)
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
Tj = 100 °C
tp = 8.3 ms, half sine
IFSM
Peak forward surge current
(per leg)
IFM = 200 A, Tj = 25 °C
Tj = 25 °C
IF(AV)
VF
Maximum DC blocking voltage
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR40030CTR

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR40030CTR TEL-MBR40030CTR Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
logo
America Semiconductor, ...
MBR40030CTR AMERICASEMI-MBR40030CTR Datasheet
325Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR40030CTR GENESIC-MBR40030CTR Datasheet
698Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR40030CTR

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com