Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-23147-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 4-23147-7
Description  Hydraulic Crimping Head
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-23147-7 Datasheet(HTML) 1 Page - Tyco Electronics

  4-23147-7 Datasheet HTML 1Page - Tyco Electronics 4-23147-7 Datasheet HTML 2Page - Tyco Electronics 4-23147-7 Datasheet HTML 3Page - Tyco Electronics 4-23147-7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
Hydraulic Crimping Head
408--8915
LOC B
1
of 4
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1-- 800-- 722-- 1111
PRODUCT INFORMATION 1-- 800-- 522-- 6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
17 MAR 10 Rev B
1752788-1
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
Figure 1
Male Quick--Disconnect
Coupler
Removable
Latch Pin
Dust Cap
Yoke
Pivot Pin
Cylinder
Piston
(Ram)
1. INTRODUCTION
This instruction sheet covers application and
maintenance procedures for Crimping Head
1752788--1 shown in Figure 1. The crimping head
accepts interchangeable die sets for a variety of
heavy--duty terminals and splices for large wire sizes
— within the range of 250 MCM through 600 MCM
(thousand circular mils). Refer to instructions
packaged with specific die sets for compatible
products, wire ranges, strip dimensions, and
application procedures.
The crimping head is designed and recommended
only for use with Foot Hydraulic Pump 1583659--1,
Hand Hydraulic Pump 1583661--1, Electric Hydraulic
Pump 1583660--1 (115 Vac), or 1583660--2 (230 Vac).
Read these instructions, and all applicable
references, before using the crimping head.
Dimensions on this sheet are in millimeters [with
inches in brackets]. Figures and illustrations are
for reference only and are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION
Main components of the crimping head are: a yoke
which houses the stationary die and retains the
terminal assembly for crimping, a removable latch pin
which allows pivoting of the yoke on the pivot pin
(typically required for splice terminations), a cylinder
which contains the head’s hydraulic chamber, a piston
(ram) which holds and controls the moving die, and a
quick connect/disconnect coupler which mates with
the coupler on the hose to release or supply pressure.
To avoid injury when using hydraulic crimping
equipment, observe the following precautions:
-- Do NOT modify the crimping equipment in any
way.
-- Use only dies, terminals, and wire specified for
the head.
-- Do NOT perform repairs other than those
specified in the instructional material supplied
with the equipment.
3. INSTALLATION
Each crimping head is shipped with a coating of
lubricating oil to prevent rust and corrosion. Wipe the
oil off before installing the crimping head on the power
unit. Note that the crimping head is shipped without
oil inside the cylinder. To install crimping head,
proceed as follows:
Make sure that hydraulic pressure to the hose is
released and that power supply is disconnected
to electric power unit, if applicable.
1. Remove protective dust caps from both quick
connect/disconnect couplers.
2. Hold hose vertically to prevent oil spillage.
Attach hose to coupling section on head. Thread
properly and tighten securely.
Oil flow must be unobstructed between power
unit and crimping head. Make sure that all
couplers are fully mated and tightened.
NOTE
i
DANGER
DANGER
CAUTION
!


Similar Part No. - 4-23147-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-23147-7 MACOM-4-23147-7 Datasheet
129Kb / 4P
   Hydraulic Crimping
logo
TE Connectivity Ltd
4-23147-7 TEC-4-23147-7 Datasheet
398Kb / 5P
   This instruction sheet covers application and maintenance procedures for Hydraulic Crimping Head
More results

Similar Description - 4-23147-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8714 MACOM-408-8714 Datasheet
97Kb / 3P
   Hydraulic Crimping Head
logo
TE Connectivity Ltd
408-8958 TEC-408-8958 Datasheet
270Kb / 6P
   Hydraulic Crimping Head
408-8910 TEC-408-8910 Datasheet
649Kb / 8P
   Hydraulic Crimping Head
logo
Tyco Electronics
408-8959 MACOM-408-8959 Datasheet
137Kb / 3P
   Hydraulic Crimping Head
logo
TE Connectivity Ltd
408-8713 TEC-408-8713 Datasheet
252Kb / 5P
   12 Ton Hydraulic Crimping Head
408-2454 TEC-408-2454 Datasheet
298Kb / 6P
   Hydraulic Crimping Head, PN 69067
logo
Tyco Electronics
408-8914 MACOM-408-8914 Datasheet
129Kb / 4P
   Hydraulic Crimping
408-8910 MACOM-408-8910 Datasheet
209Kb / 6P
   Hydraulic Crimping
408-8956 MACOM-408-8956 Datasheet
132Kb / 4P
   Hydraulic Crimping
logo
Molex Electronics Ltd.
0638161700 MOLEX11-0638161700 Datasheet
40Kb / 1P
   Hydraulic Dieless Crimping Tool
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com