Selected language     English  ▼


LM3354MM-3.7 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3354MM-3.7
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 2 page
background image
Connection Diagram
20057302
Top View
MSOP-10 Pin Package
See NS Package Number MM
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM3354MMX-3.7
MSOP-10
MUB10A
3.5k Units, Tape and Reel
LM3354MM-3.7
MSOP-10
MUB10A
1k Units, Tape and Reel
Pin Description
Pin Number
Name
Function
1V
IN
Input Supply Voltage
2
C1−
Negative Terminal for C1
3
C1+
Positive Terminal for C1
4
GND
Ground
5
GND
Ground
6C
FIL
Filter Capacitor, a 1µF capacitor is recommended.
7SD
Shutdown, active low
8V
OUT
Regulated Output Voltage
9
C2−
Negative Terminal for C2
10
C2+
Positive Terminal for C2
www.national.com
2




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3354Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3352Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LTC1261Switched Capacitor Regulated Voltage Inverter 1 2 3 4 5 MoreLinear Technology
LTC1261LSwitched Capacitor Regulated Voltage Inverter 1 2 3 4 5 MoreLinear Technology
LTC1429Clock-Synchronized Switched Capacitor Regulated Voltage Inverter 1 2 3 4 5 MoreLinear Technology
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LTC1550Low Noise Switched Capacitor Regulated Voltage Inverters 1 2 3 4 5 MoreLinear Technology
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LTC1550LLow Noise Switched Capacitor Regulated Voltage Inverters 1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl