Selected language     English  ▼


LM3354MMX-5.0 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3354MMX-5.0
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 1 page
background image
LM3354
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
Converter
General Description
The LM3354 is a CMOS switched capacitor DC/DC con-
verter that produces a regulated output voltage by automati-
cally stepping up (boost) or stepping down (buck) the input
voltage. It accepts an input voltage between 2.5V and 5.5V.
The LM3354 is available with standard output voltages of
1.8V, 3.3V, 4.1V (ideal for white LED applications), and 5.0V.
If other output voltage options between 1.8V and 5.0V are
desired, please contact your National Semiconductor repre-
sentative.
The LM3354’s proprietary buck-boost architecture enables
up to 90mA of load current at an average efficiency greater
than 75%. Typical operating current is only 375 µA and the
typical shutdown current is only 2.3 µA.
The LM3354 is available in a 10-pin MSOP package. This
package has a maximum height of only 1.1 mm.
The high efficiency of the LM3354, low operating and shut-
down currents, small package size, and the small size of the
overall solution make this device ideal for battery powered,
portable, and hand-held applications.
See the LM3352 for up to 200mA of output current or the
LM3355 for up to 50mA of output current.
Features
n
Regulated V
OUT with ±3% (5.0V, 4.1V, and 3.3V
options) or ±4% (1.8V option) accuracy
n
Standard output voltages of 1.8V, 3.3V, 4.1V, and 5.0V
n
Custom output voltages available from 1.8V to 5.0V in
100 mV increments with volume order
n
2.5V to 5.5V input voltage range
n
Up to 90mA (5.0V, 4.1V, and 1.8V options) or 70mA
(3.3V option) output current
n >
75% average efficiency
n
Uses few, low-cost external components
n
Very small solution size
n
375 µA typical operating current
n
2.3 µA typical shutdown current
n
1 MHz typical switching frequency
n
Architecture and control methods provide high load
current and good efficiency
n
MSOP-10 package
n
Over-temperature protection
Applications
n
White LED display backlights
n
1-cell Lilon battery-operated equipment including PDAs,
hand-held PCs, cellular phones
n
Flat panel displays
n
Hand-held instruments
n
Li-Ion, NiCd, NiMH, or alkaline battery powered systems
Typical Operating Circuit
DS200188-1
February 2002
© 2002 National Semiconductor Corporation
DS200188
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3352Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2662Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2664Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl