Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDINSPECTFLASHLIGHT15 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDINSPECTFLASHLIGHT15
Description  Type of protection: IP20
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTFLASHLIGHT15 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDINSPECTFLASHLIGHT15 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTFLASHLIGHT15 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTFLASHLIGHT15 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899424951
INSPECTION LAMP
Blister
1
- x - x -
4052899424968
INSPECTION LAMP
Shipping carton box
10
210 mm x 130 mm x
148 mm
4.04 dm³
652.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:04:18
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 3 of 3


Similar Part No. - LEDINSPECTFLASHLIGHT15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTHEADLAMP300 OSRAM-LEDINSPECTHEADLAMP300 Datasheet
117Kb / 3P
   Integrated battery storage
LEDINSPECTPENLIGHT80 OSRAM-LEDINSPECTPENLIGHT80 Datasheet
113Kb / 3P
   Equipped with eight high-quality, long-lasting LEDs
LEDINSPECTPOCKET160 OSRAM-LEDINSPECTPOCKET160 Datasheet
126Kb / 3P
   Rechargeable 3.7 V 1,500 mAh Li-ion battery
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
   High-quality aluminum housing
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
   Charging indicator
More results

Similar Description - LEDINSPECTFLASHLIGHT15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701338 PHOENIX-2701338 Datasheet
79Kb / 8P
   IP65 degree of protection (front) IP20 degree of protection (back)
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
   IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
   IP65 degree of protection (front) IP20 degree of protection (back)
FL-SWITCH-7008-EIP PHOENIX-FL-SWITCH-7008-EIP Datasheet
197Kb / 5P
   Managed Switch 7000, 8 RJ45 ports 10/100 Mbps, degree of protection: IP20, EtherNet/IP?
2741671 PHOENIX-2741671 Datasheet
107Kb / 3P
   Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, COMBICON plugs included
1404347 PHOENIX-1404347 Datasheet
324Kb / 8P
   VS-IP20-IP20-93E/0,3 - Network cable
1404356 PHOENIX-1404356 Datasheet
335Kb / 8P
   VS-IP20-IP20-94C/10 - Network cable
1404350 PHOENIX-1404350 Datasheet
330Kb / 9P
   VS-IP20-IP20-93E/1,5 - Network cable
1416131 PHOENIX-1416131 Datasheet
115Kb / 6P
   Network cable - VS-IP20-IP20-93B-LI/2,0
09/11/2020
logo
Weidmuller
2665820000 WEIDMULLER-2665820000 Datasheet
142Kb / 3P
   Industrial PC, IP20
November 4, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com