Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-23030-6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-23030-6
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-23030-6 Datasheet(HTML) 2 Page - Tyco Electronics

  1-23030-6 Datasheet HTML 1Page - Tyco Electronics 1-23030-6 Datasheet HTML 2Page - Tyco Electronics 1-23030-6 Datasheet HTML 3Page - Tyco Electronics 1-23030-6 Datasheet HTML 4Page - Tyco Electronics 1-23030-6 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 9177
Die Assemblies 47378- 1, 48756- 1, and 48757- 1
Rev C
2
of 5
Tyco Electronics Corporation
dies and the terminal wire barrel rests against the
locator. SeeFigure3.
5. Insert the stripped wire into the terminal wire
barrel. The end of the wire must be flush with, or
extend beyond, the edge of the wire barrel.
Wire Strip Length
18.64--20.24
[.734--.797]
AB
AB
“A” Equals Insulation
Barrel
“B” Equals Wire
Barrel
PLASTI-GRIP Terminal
AMPLI-BOND Terminal
Note:
Do Not Scale
from Illustration
WIRE
DIE ASSEMBLY
COLOR
SIZE
(AWG)
INSUL DIA
(Max)
PART
NO.
TYPE
COLOR
CODE
1/0
16.05 [.632] 48756--1 Standard Expansion
Blue
1/0
17.37 [.684] 47378--1
Large Expansion
Blue
2/0
17.37 [.684] 48757--1 Standard Expansion
Yellow
Figure 2
6. Close the crimping head yoke and insert the
latch pin.
To avoid damage to the yoke, latch pin, or die
assembly, make sure that the latch pin is fully
inserted.
7. Hold terminal in position and activate power unit
to complete the crimp. Open the crimping head
yoke and remove the crimped terminal from the
dies.
If the terminal sticks in the dies after crimping,
use a rocking motion on the terminal to release it
from the die.
8. Check the termination to ensure the terminal
retains a grip on the wire. If an adjustment to the
insulation crimp is necessary, refer to Section 4,
INSULATION CRIMP ADJUSTMENT. Refer to
Figure 4 for a properly crimped terminal.
4. INSULATION CRIMP ADJUSTMENT
The insulation barrel crimping dies have three
positions: 1—Tight; 2—Medium; and 3—Loose.
1. Loosen the socket head cap screws on the
stationary die, then push the pin--key all the way in
for the loose position.
2. Hold the stationary insulation crimping die
against the pin--key to prevent the pin--key from
popping back out. Tighten the socket head cap
screws. Similarly, adjust the moving insulation
crimping die.
Always adjust both pin--keys in the same
position.
3. Crimp a terminal to the wire, as described in
Section 3, CRIMPING PROCEDURE.
4. Remove the terminal from the crimping dies and
bend the wire back and forth once. The terminal
should retain its grip or support on the wire. If the
insulation crimp does not grip or support the wire
insulation, position the pin--keys in the next tighter
position and repeat the crimping procedure.
AMPLI--BOND terminals contain a wire insulation
“grip” and PLASTI--GRIP terminals contain a wire
insulation “support.”
5. Repeat Steps 1 through 4 until the desired
insulation grip, or support, is obtained. DO NOT
use a tighter setting than is required.
5. MAINTENANCE AND INSPECTION
Tyco Electronics recommends that a maintenance
and inspection program be performed periodically to
ensure dependable and uniform terminations. The die
assembly should be inspected once a month.
Frequency of inspection should be adjusted to suit
your requirements through experience.
Figure 3
Moving
Die
Bottom of Terminal
Tongue Facing
Stationary Die
Terminal Barrel
Resting Against
Locator
Stationary
Die
CAUTION
!
NOTE
i
NOTE
i
NOTE
i


Similar Part No. - 1-23030-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-2302450-1 TEC-1-2302450-1 Datasheet
293Kb / 1P
   MATENET, CABLE ASSY, 1 GBPS UTP
1-2302450-1 TEC-1-2302450-1 Datasheet
294Kb / 1P
   MATENET, CABLE ASSY, 100 MBPS UTP
1-2302450-1 TEC-1-2302450-1 Datasheet
272Kb / 1P
   MATENET, CABLE ASSY, 100 MBPS UTP
1-2302450-1 TEC-1-2302450-1 Datasheet
269Kb / 1P
   MATENET, CABLE ASSY, 1 GBPS UTP
1-2302450-1 TEC-1-2302450-1 Datasheet
219Kb / 1P
   MATENET, PIGTAIL, 1 GBPS UTP
More results

Similar Description - 1-23030-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com