Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE4U2V-34 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LE4U2V-34
Description  Compact lightsource in SMT technology
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE4U2V-34 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LE4U2V-34 Datasheet HTML 2Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 3Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 4Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 5Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 6Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 7Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 8Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 9Page - OSRAM GmbH LE4U2V-34 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2014-09-10
6
Version 2.0
LE RTDUW S2W
Farbortgruppen
3) Seite 23
Chromaticity coordinate groups
3) page 23 ; ultra white
Gruppe
Group
Cx
Cy
CQ
0.3190
0.3507
0.3267
0.3370
0.3107
0.3043
0.3020
0.3178
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: JB-1+LA-3+4U-3+LB-CQ
Example: JB-1+LA-3+4U-3+LB-CQ
Emissionsfarbe
Color of Emission
Helligkeitsgruppe
Brightness Group
Wellenlänge
Wavelength
Farbort
color coordinate
red
JB
1
true green
LA
3
deep blue
4U
3
ultra white
LB
CQ
Anm.:
In einer Verpackungseinheit ist immer nur eine Gruppe für jede Selektion enthalten.
Note:
No packing unit ever contains more than one group for each selection.


Similar Part No. - LE4U2V-34

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LE405E LEIDITECH-LE405E Datasheet
825Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
logo
STMicroelectronics
LE40AB STMICROELECTRONICS-LE40AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE40ABD STMICROELECTRONICS-LE40ABD Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE40ABD-TR STMICROELECTRONICS-LE40ABD-TR Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LE40ABDTR STMICROELECTRONICS-LE40ABDTR Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results

Similar Description - LE4U2V-34

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
   Compact lightsource in SMT technology
LERTDUWS2WPKBMA-1 OSRAM-LERTDUWS2WPKBMA-1 Datasheet
1Mb / 24P
   Compact lightsource in SMT technology
LE-B-Q8WP OSRAM-LE-B-Q8WP Datasheet
859Kb / 23P
   compact lightsource in SMT technology
LE-BA-Q6WM OSRAM-LE-BA-Q6WM Datasheet
754Kb / 18P
   compact lightsource in SMT
LE-BR-Q7WM OSRAM-LE-BR-Q7WM Datasheet
719Kb / 18P
   compact lightsource in SMT
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LE-CW-S2LN OSRAM-LE-CW-S2LN Datasheet
531Kb / 22P
   compact lightsource in multi chip SMT technology with silicone lens
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com