Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ14A Datasheet(PDF) 5 Page - Abracon Corporation

Part # ARJ14A
Description  RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ14A Datasheet(HTML) 5 Page - Abracon Corporation

  ARJ14A Datasheet HTML 1Page - Abracon Corporation ARJ14A Datasheet HTML 2Page - Abracon Corporation ARJ14A Datasheet HTML 3Page - Abracon Corporation ARJ14A Datasheet HTML 4Page - Abracon Corporation ARJ14A Datasheet HTML 5Page - Abracon Corporation ARJ14A Datasheet HTML 6Page - Abracon Corporation ARJ14A Datasheet HTML 7Page - Abracon Corporation ARJ14A Datasheet HTML 8Page - Abracon Corporation ARJ14A Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MECHANICAL DIMENSIONS
|
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
RoHS
Compliant
ARJ14A
RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
59.12 x 13.60 x 21.50 mm /
58.40 x 13.00 x 20.54mm
41.91
2.54±0.20
8.89±0.20
2xO3.20
53.34
1
8
1
2
7
8
1
2
7
8
1
2
7
8
1
2
7
8
@1.27x7=8.89
@1.27x7=8.89
32xO0.9
5.08
3.05
2xO1.70
58.93
PRE-SOLDERING
59.12
13.60
21.50
10.90
13.97
13.97
12.70
3xO1.70
3.05
2xO1.70
58.93
PRE-SOLDERING
1
2
7
8
1
2
7
8
1
2
7
8
1
2
7
8
@1.27x7=8.89
@1.27x7=8.89
32xO0.9
5.08
13.97
13.97
12.70
3xO1.70
59.12
13.60
21.50
10.90
41.91
2.54±0.20
8.89±0.20
2xO3.20
53.34
1
8
MF (10/100 Base-T)
(3 EMI Fingers)
ME (10/100 Base-T)
(8 EMI Fingers)
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.26.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ARJ14A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ14A-MESC-MU2 ABRACON-ARJ14A-MESC-MU2 Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ14A-MFSB ABRACON-ARJ14A-MFSB Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
More results

Similar Description - ARJ14A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ14A-MESC-MU2 ABRACON-ARJ14A-MESC-MU2 Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ14A-MFSB ABRACON-ARJ14A-MFSB Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ12A-MASD-A ABRACON-ARJ12A-MASD-A Datasheet
13Mb / 7P
   RJ45 10/100/1000 Base-TX Tab down 1x2 Jack with Magnetic Module
06.09.14
ARJ12A ABRACON-ARJ12A Datasheet
13Mb / 7P
   10/100/1000 Base-TX Tab down 1x2 Jack with Magnetic Module
06.09.14
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJP11A ABRACON-ARJP11A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A ABRACON-ARJP11A-MBSB-A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11B ABRACON-ARJP11B Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com