Electronic Components Datasheet Search |
|
21055-4 Datasheet(PDF) 11 Page - Tyco Electronics |
|
21055-4 Datasheet(HTML) 11 Page - Tyco Electronics |
11 / 15 page 409- 10039 “Micro” Pneumatic Tooling Assembly 1490567- 1 Rev C 11 of 15 Tyco Electronics Corporation Air pressure must be removed from the unit while head or tool holder is detached. 1. Disconnect the system from the main air supply. 2. Remove tool holder assembly (with crimping head or adapter in place). 3. Firmly grasp the cam with the piston pliers and pull the cam away from the body of the tool so that it is fully extended. 4. Inspect the stop ring, locking collar, and friction ring for wear. Replace, if necessary. 5. Inspect the stop ring, locking collar, and friction ring for wear. Replace, if necessary. To avoid personal injury, replace the stop ring every 250,000 cycles (refer to Paragraph 9.2 for replacement procedure) and replace the locking collar when any sign of wear is evident. 6. Inspect piston, cylinder wall, and cam for wear and remove dust, moisture, and other contaminants with a clean, soft brush or lint--free cloth. 7. Apply a THIN coat of any good grade SAE 20 motor oil to the cam. Remove any excess oil. 8. Check that cam setscrew is securely holding cam onto piston rod. Tighten setscrew, if necessary. 9. Check crimping head or adapter in accordance with the instructions packaged with the specific crimping head or adapter being used. To avoid personal injury and damage to the tool, make sure that quick pins securing the crimping head or adapter to the tool holder assembly are fully tightened. It is recommended that Loctite 242 be used to remove threadlock, or equivalent, to prevent the quick pins from loosening. 10. Re--assemble tool holder assembly (with crimping head or adapter in place). To avoid personal injury, check that the locking collar is tightly securing the tool holder assembly before operating power unit. 11. Reconnect the power unit to main air supply. When power unit is connected to main air supply, power unit piston will retract. To avoid personal injury, keep hands and fingers away from front of power unit. 6.2. Lubrication It is recommended that the user provide lubricated air for the main air supply input. However, if the power unit has been or is being used with dry (unlubricated) air, lubricate the power unit as follows after every eight hours of use: 1. Disconnect main air supply. 2. Disconnect the air line(s) from the rear of the power unit. 3. Apply one or two drops of SAE 10 air cylinder oil into the inlet fitting(s). 4. Reconnect air line(s) and main air supply. When power unit is connected to main air supply, power unit piston will retract. To avoid personal injury, keep hands and fingers away from front of power unit. DANGER DANGER DANGER DANGER DANGER DANGER |
Similar Part No. - 21055-4 |
|
Similar Description - 21055-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |