Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP50TEA060 Datasheet(PDF) 2 Page - Fuji Electric

Part # 7MBP50TEA060
Description  Econo IPM series IGBT-IPM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP50TEA060 Datasheet(HTML) 2 Page - Fuji Electric

  7MBP50TEA060 Datasheet HTML 1Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 2Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 3Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 4Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 5Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 6Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 7Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 8Page - Fuji Electric 7MBP50TEA060 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7MBP50TEA060
IGBT-IPM
Control circuit
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply current of P-line side pre-driver(one unit)
Supply current of N-line side pre-driver
Input signal threshold voltage (on/off)
Input zener voltage
Alarm signal hold time
Current limit resistor
Switching Trequency : 0 to 15kHz
Tc=-20 to 125°C Fig.7
ON
OFF
Rin=20k ohm
Tc=-20°C Fig.2
Tc=25°C Fig.2
Tc=125°C Fig.2
Alarm terminal
Iccp
ICCN
Vin(th)
V Z
tALM
RALM
-
-
1.00
1.25
-
1.1
-
-
1425
-
-
1.35
1.60
8.0
-
2.0
-
1500
18
65
1.70
1.95
-
-
-
4.0
1575
mA
mA
V
V
V
ms
ms
ms
ohm
Protection Section ( Vcc=15V)
Turn-on time
Turn-off time
Reverse recovery time
Maximum Avalanche Energy
(A non-repetition)
ton
VDC=300V,Tj=125°C
toff
IC=50A Fig.1, Fig.6
trr
VDC=300V, IC=50A Fig.1, Fig.6
PAV
Internal wiring inductance=50nH
Main circuit wiring inductace=54nH
Thermal characteristics( Tc=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Junction to Case thermal resistance *9
Case to fin thermal resistance with compound
Rth(j-c)
Rth(j-c)
Rth(j-c)
Rth(c-f)
-
-
0.87
-
-
1.263
-
-
0.87
-
0.05
-
°C/W
°C/W
°C/W
°C/W
Inverter
IGBT
FWD
Brake
IGBT
Item
Symbol
Min.
Typ.
Max.
Unit
DC Bus Voltage
Operating Supply Voltage of Pre-Driver
Screw torque (M5)
VDC
VCC
-
Recommendable value
Over Current Protection Level of Inverter circuit
Over Current Protection Level of Brake circuit
Over Current Protection Delay time
SC Protection Delay time
IGBT Chip Over Heating
Over Heating Protection Hysteresis
Under Voltage Protection Level
Under Voltage Protection Hysteresis
Electrical characteristics (at Tc=Tj=25°C, Vcc=15V unless otherwise specified.)
Main circuit
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Collector current at off signal input
Collector-Emitter saturation voltage
Forward voltage of FWD
Collector current at off signal input
Collector-Emitter saturation voltage
Forward voltage of Diode
ICES
VCE(sat)
V F
ICES
VCE(sat)
V F
VCE=600V Vin terminal open.
Ic=50A
-Ic=50A
Terminal
Chip
Terminal
Chip
IOC
IOC
tDOC
tSC
TjOH
TjH
VUV
V H
Tj=125°C
Tj=125°C
Tj=125°C
Tj=125°C Fig.4
Surface of IGBT chips
75
-
45
-
-5
-
--
8
150
-
-
-20
-
11.0
-
12.5
0.2
0.5
-
A
A
µs
µs
°C
°C
V
V
Noise Immunity ( VDC=300V, Vcc=15V, Test Circuit Fig.5)
Common mode rectangular noise
Common mode lightning surge
Pulse width 1µs, polarity ±,10minuets
Judge : no over-current, no miss operating
Rise time 1.2µs, Fall time 50µs
Interval 20s, 10 times
Judge : no over-current, no miss operating
±2.0
-
-
±5.0
-
-
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Item
Condition
Min.
Typ.
Max.
Unit
kV
kV
-
-
400
V
13.5
15.0
16.5
V
2.5
-
3.0
Nm
Item
Symbol
Min.
Typ.
Max.
Unit
Weight
Weight
Wt
-
270
-
g
-
-
1.0
mA
-
-
2.5
V
-
2.0
-
-
-
2.6
V
-
1.6
-
-
-
1.0
mA
-
-
2.2
V
-
1.75
-
-
-
3.3
V
-
1.9
-
1.2
-
-
µs
-
-
3.6
-
-
0.3
30
-
-
mJ
*9 For 1device, Case is under the device
Terminal
Chip
Terminal
Chip
VCE=600V Vin terminal open.
Ic=30A
-Ic=30A


Similar Part No. - 7MBP50TEA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
360Kb / 9P
   Econo IPM
7MBP50TEA060 FUJI-7MBP50TEA060_05 Datasheet
360Kb / 9P
   Econo IPM
More results

Similar Description - 7MBP50TEA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75TEA120 FUJI-7MBP75TEA120 Datasheet
360Kb / 9P
   Econo IPM series
6MBP75TEA060 FUJI-6MBP75TEA060 Datasheet
303Kb / 8P
   Econo IPM series
7MBP150TEA060 FUJI-7MBP150TEA060 Datasheet
358Kb / 9P
   Econo IPM series
7MBP50TEA060 FUJI-7MBP50TEA060_05 Datasheet
360Kb / 9P
   Econo IPM
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
6MBP50RU2A120 FUJI-6MBP50RU2A120 Datasheet
860Kb / 22P
   IGBT - IPM
7MBP100RA060 FUJI-7MBP100RA060 Datasheet
752Kb / 8P
   IGBT-IPM
6MBP20RY060 FUJI-6MBP20RY060 Datasheet
1Mb / 11P
   IGBT-IPM
7MBP100NA060-01 FUJI-7MBP100NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com