Electronic Components Datasheet Search |
|
90758-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
90758-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
2 / 5 page 408-9938 2 of 5 Rev D Figure 2 3. INSTALLATION AND REMOVAL OF DIE SET AND LOCATOR ASSEMBLY (Figure 2) 1. Open the tool handles and remove the two die retaining screws from the tool jaws. 2. Place the wire anvil and insulation anvil so that their chamfered sides and their marked surfaces face outward, when mounted in the moving jaw of the tool frame. 3. Insert the two die retaining pins. 4. Insert the short die retaining screw through the jaw and through both anvil dies, and tighten the screw just enough to hold the dies in place. Do NOT tighten the screw completely at this time. 5. Place the wire crimper and insulation crimper so that their chamfered sides and their marked surfaces face outward, when mounted in the stationary jaw of the tool frame. 6. Insert the two retaining pins. 7. Insert the long die retaining screw through the jaw and through both crimper dies, and tighten the screw just enough to hold the dies in place. Do NOT tighten the screw completely at this time. 8. Carefully close the tool handles, making sure that the anvils and crimpers align properly. Continue closing the tool handles until the ratchet in the tool frame has engaged sufficiently to hold the anvils and crimpers in place, then tighten both die retaining screws. 9. Place the locator assembly over the end of the long screw, and position the locator assembly against the side of the tool jaw. 10. Place the nut onto the end of the long screw and tighten the nut enough to hold the locator assembly in place, while still allowing the locator to slide up and down. 11. To disassemble, close the tool handles until the ratchet releases, remove the nut, the locator assembly, the two die retaining screws, and the four die retaining pins, and slide the anvils and crimpers out of the tool jaws. 4. CONTACT SUPPORT ADJUSTMENT (Figure 3) The contact support is preset prior to shipment, but minor adjustment may be necessary. 1. Make a sample crimp and determine if the contact is straight, bending upward, or bending downward. 2. If adjustment is required, loosen the screw that holds the contact support onto the locator assembly. The ratchet has detents that create audible clicks as the tool handles are closed. 3. Place a contact with wire into the proper nest and close the tool handles until the ratchet reaches the sixth click, or until the contact support touches the contact. 4. Slightly loosen the nut that holds the locator assembly onto the tool frame. 5. Move the contact support as required to eliminate the bending of the contact. Tool Frame Die Retaining Screw Die Retaining Screw Die Retaining Pins Locator Assembly Nut Locator Chamfer Wire Crimper Insulation Anvil Chamfer Insulation Crimper Offset Wire Anvil NOTE i NOTE i |
Similar Part No. - 90758-1 |
|
Similar Description - 90758-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |