Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4GBU04F Datasheet(PDF) 3 Page - International Rectifier

Part # 4GBU04F
Description  4.0 Amps Single Phase Full Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

4GBU04F Datasheet(HTML) 3 Page - International Rectifier

  4GBU04F Datasheet HTML 1Page - International Rectifier 4GBU04F Datasheet HTML 2Page - International Rectifier 4GBU04F Datasheet HTML 3Page - International Rectifier 4GBU04F Datasheet HTML 4Page - International Rectifier 4GBU04F Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4GBU Series
3
Bulletin I2717 rev. G 05/02
www.irf.com
1
-
Bridge current
2
-
Basic Part Number
3
-
Voltage Code: code x 100 = V
RRM
4
-
Lead Forming: 7.5 mm
4
GBU
08
F
1
2
3
Ordering Information Table
Device Code
Outline Table
All dimensions are in millimetres
Add suffix "F" for 7.5 mm equal space lead forming
4


Similar Part No. - 4GBU04F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
4GB-AUTO-AS4C256M16D3 ALSC-4GB-AUTO-AS4C256M16D3 Datasheet
2Mb / 83P
   8n-bit prefetch architecture
4GB-AUTO-AS4C512M8D3 ALSC-4GB-AUTO-AS4C512M8D3 Datasheet
4Mb / 83P
   AEC-Q100 Compliant
4GB-DDR3L-AS4C256M16D3L ALSC-4GB-DDR3L-AS4C256M16D3L Datasheet
2Mb / 89P
   Supports JEDEC clock jitter specification
4GB-DDR3L-AS4C512M8D3L ALSC-4GB-DDR3L-AS4C512M8D3L Datasheet
3Mb / 86P
   Fully synchronous operation
logo
ADL Embedded Solutions
4GBDDR3L-1600 ADL-4GBDDR3L-1600 Datasheet
907Kb / 2P
   Intel 3800 Series SoC Processors
More results

Similar Description - 4GBU04F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
4GBL IRF-4GBL Datasheet
99Kb / 5P
   4.0 Amps Single Phase Full Wave Bridge Rectifier
IR25XB06H IRF-IR25XB06H Datasheet
93Kb / 4P
   25.0 Amps Single Phase Full Wave
8GBU IRF-8GBU Datasheet
75Kb / 5P
   8.0 Amps Single Phase Full Wave
6GBU IRF-6GBU Datasheet
103Kb / 5P
   6.0 Amps Single Phase Full Wave
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401_10 Datasheet
247Kb / 2P
   Single Phase 4.0 AMPS. Bridge Rectifiers
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com