Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9513i Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN9513i
Description  USB 2.0 Hub and 10/100 Ethernet Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513i Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN9513i Datasheet HTML 6Page - SMSC Corporation LAN9513i Datasheet HTML 7Page - SMSC Corporation LAN9513i Datasheet HTML 8Page - SMSC Corporation LAN9513i Datasheet HTML 9Page - SMSC Corporation LAN9513i Datasheet HTML 10Page - SMSC Corporation LAN9513i Datasheet HTML 11Page - SMSC Corporation LAN9513i Datasheet HTML 12Page - SMSC Corporation LAN9513i Datasheet HTML 13Page - SMSC Corporation LAN9513i Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.2 (02-29-12)
10
SMSC LAN9513/LAN9513i
DATASHEET
Table 2.1 EEPROM Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
EEPROM Data
In
EEDI
IS
(PD)
This pin is driven by the EEDO output of the
external EEPROM.
1
EEPROM Data
Out
EEDO
O8
This pin drives the EEDI input of the external
EEPROM.
1
EEPROM Chip
Select
EECS
O8
This pin drives the chip select output of the external
EEPROM.
1
EEPROM Clock
EECLK
O8
This pin drives the EEPROM clock of the external
EEPROM.
Table 2.2 JTAG Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
JTAG Test Port
Reset
nTRST
IS
This active low pin functions as the JTAG test port
reset input.
Note:
This pin should be tied high if it is not
used.
1
JTAG Test
Mode Select
TMS
IS
This pin functions as the JTAG test mode select.
1
JTAG Test Data
Input
TDI
IS
This pin functions as the JTAG data input.
1
JTAG Test Data
Out
TDO
O12
This pin functions as the JTAG data output.
1
JTAG Test
Clock
TCK
IS
This pin functions as the JTAG test clock.
Table 2.3 Miscellaneous Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
System Reset
nRESET
IS
This active low pin allows external hardware to
reset the device.
Note:
This pin should be tied high if it is not
used.
1
Ethernet
Full-Duplex
Indicator LED
nFDX_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
link is operating in full-duplex mode.
General
Purpose I/O 0
GPIO0
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.


Similar Part No. - LAN9513i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512-JZX SMSC-LAN9512-JZX Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512-JZX SMSC-LAN9512-JZX Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512i SMSC-LAN9512i Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
More results

Similar Description - LAN9513i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
logo
SMSC Corporation
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com