Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S202S11F Datasheet(PDF) 2 Page - Sharp Corporation

Part # S202S11F
Description  Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202S11F Datasheet(HTML) 2 Page - Sharp Corporation

  S202S11F Datasheet HTML 1Page - Sharp Corporation S202S11F Datasheet HTML 2Page - Sharp Corporation S202S11F Datasheet HTML 3Page - Sharp Corporation S202S11F Datasheet HTML 4Page - Sharp Corporation S202S11F Datasheet HTML 5Page - Sharp Corporation S202S11F Datasheet HTML 6Page - Sharp Corporation S202S11F Datasheet HTML 7Page - Sharp Corporation S202S11F Datasheet HTML 8Page - Sharp Corporation S202S11F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
: Do not allow external connection.
( ) : Typical dimensions
■ Internal Connection Diagram
1
1
2
3 4
2
3
4
Output (Triac T2)
Output (Triac T1)
Input (+)
Input (−)
2
■ Outline Dimensions
(Unit : mm)
S102S11
12
4
3
5.5
±0.2
0.6
±0.1
18.5
±0.2
4-1.1
±0.2
4-1.25
±0.3
4-0.8
±0.2
16.4
±0.3
(5.08)
(7.62)
(2.54)
(1.4)
Common to pin No.1
Common to pin No.1
φ3.2
±0.2
+
8A135VAC
Model No.
UL mark
CSA mark
Date code (2 digit)
Epoxy resin
S102S11
S202S11
12
4
3
5.5
±0.2
0.6
±0.1
18.5
±0.2
4-1.1
±0.2
4-1.25
±0.3
4-0.8
±0.2
16.4
±0.3
(5.08)
(7.62)
(2.54)
(1.4)
Common to pin No.1
Common to pin No.1
φ3.2
±0.2
+
8A250VAC
Model No.
UL mark
CSA mark
Date code (2 digit)
Epoxy resin
S202S11
S102S11 Series
S202S11 Series
Sheet No.: D4-A02801EN
Product mass : approx. 6.5g
Product mass : approx. 6.5g


Similar Part No. - S202S11F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S11 SHARP-S202S11 Datasheet
58Kb / 4P
   SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
More results

Similar Description - S202S11F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com