Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ40 Datasheet(PDF) 5 Page - International Rectifier

Part # 10BQ40
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ40 Datasheet(HTML) 5 Page - International Rectifier

  10BQ40 Datasheet HTML 1Page - International Rectifier 10BQ40 Datasheet HTML 2Page - International Rectifier 10BQ40 Datasheet HTML 3Page - International Rectifier 10BQ40 Datasheet HTML 4Page - International Rectifier 10BQ40 Datasheet HTML 5Page - International Rectifier 10BQ40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10BQ040
Bulletin PD-2.397 rev. G 0
7/04
5
www.irf.com
3.80 (.150)
3.30 (.130)
4.70 (.185)
4.10 (.161)
2.15 (.085)
1.80 (.071)
2.40 (.094)
1.90 (.075)
1.30 (.051)
0.76 (.030)
0.30 (.012)
0.15 (.006)
5.60 (.220)
5.00 (.197)
4.0 (.157)
2.0 TYP.
(.079 TYP.)
2.5 TYP.
(.098 TYP.)
SOLDERING PAD
CATHODE
ANODE
1
2
1
2
POLARITY
PART NUMBER
4.2 (.165)
IR LOGO
YYWWX
"Y" = 1st digit of the YEAR "standard product"
"P" = "Lead-Free"
2nd digit of the YEAR
SITE ID
WEEK
CURRENT
VOLTAGE
IR1F
Device Marking: IR1F
Dimensions in millimeters and (inches)
Outline SMB
For recommended footprint and soldering techniques refer to application note #AN-994
Outline Table
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International
Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and
Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.


Similar Part No. - 10BQ40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ015 IRF-10BQ015 Datasheet
238Kb / 4P
   SCHOTTKY RECTIFIER, 1Amp
10BQ015 IRF-10BQ015 Datasheet
164Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ015 VISHAY-10BQ015 Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
logo
Sangdest Microelectroni...
10BQ015 SMC-10BQ015 Datasheet
174Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ015 SMCDIODE-10BQ015 Datasheet
278Kb / 4P
   10BQ015 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 10BQ40

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com