Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C110-PU Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN91C110-PU
Description  FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110-PU Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN91C110-PU Datasheet HTML 5Page - SMSC Corporation LAN91C110-PU Datasheet HTML 6Page - SMSC Corporation LAN91C110-PU Datasheet HTML 7Page - SMSC Corporation LAN91C110-PU Datasheet HTML 8Page - SMSC Corporation LAN91C110-PU Datasheet HTML 9Page - SMSC Corporation LAN91C110-PU Datasheet HTML 10Page - SMSC Corporation LAN91C110-PU Datasheet HTML 11Page - SMSC Corporation LAN91C110-PU Datasheet HTML 12Page - SMSC Corporation LAN91C110-PU Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
Datasheet
SMSC LAN91C110 Rev. B
Page 9
Revision 1.0 (11-04-08)
DATASHEET
144 TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
7
Receive
Error
RX_ER
I with
pulldown
Input. Indicates a code error detected by PHY.
Used by the LAN91C110 to discard the packet
being received. The error indication reported for
this event is the same as a bad CRC (Receive
Status Word bit 13).
5
nChip
Select
Output
nCSOUT
O4
Output. Chip Select provided for mapping of PHY
functions into LAN91C110 decoded space. Active
on accesses to LAN91C110’s eight lower
addresses when the BANK SELECTED is 7.
4,20,33,43,5
5,66,79,
87,96,111,13
3
Power
VDD
+5V power supply pins.
144
Analog
Power
AVDD
+5V analog power supply pins.
9,17,29,39,4
9,59,69,
76,90,99,
116,124,
130,136,
Ground
GND
Ground pins.
142
Analog
Ground
AGND
Analog ground pin.
BUFFER TYPES
O4
OUTPUT BUFFER WITH 2MA SOURCE AND 4MA SINK
O12
Output buffer with 6mA source and 12mA sink
OD16
Open drain buffer with 16mA sink
I/O4
Bidirectional buffer with 2mA source and 4mA sink
I/O8
Bidirectional buffer with 4mA source and 8mA sink
IS
Schmitt Trigger (Hysteresis: 250mV)
I with pullup
Rated at 30mA
I with pulldown
Rated at 30mA


Similar Part No. - LAN91C110-PU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
LAN91C110TQFP SMSC-LAN91C110TQFP Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
More results

Similar Description - LAN91C110-PU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
   FEAST??Fast Ethernet Controller
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com