Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8Q1024K8 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # 8Q1024K8
Description  high-performance 1M byte (8Mbit) CMOS static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

8Q1024K8 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button 8Q1024K8 Datasheet HTML 6Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 7Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 8Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 9Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 10Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 11Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 12Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 13Page - Aeroflex Circuit Technology 8Q1024K8 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
DATA RETENTION CHARACTERISTICS (Pre/Post-Irradiation)
(1 Second Data Retention Test)
Notes:
1. En = VDD - .2V, all other inputs = VDR or VSS.
2. Data retention current (I DDR) Tc = 25
o
C.
3. Not guaranteed or tested.
DATA RETENTION CHARACTERISTICS (Pre/Post-Irradiation)
(10 Second Data Retention Test, TC=-40
oC to +125oC)
Notes:
1 . Performed at VDD (min) and VDD (max).
2. En = VSS, all other inputs = VDR or VSS.
3. Not guaranteed or tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
VDR
VDD for data retention
2.0
--
V
IDDR
1,2
Data retention current (per byte)
--
4.0
mA
tEFR
1,3
Chip select to data retention time
0
ns
t
R
1,3
Operation recovery time
tAVAV
ns
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
V
DD
1
VDD for data retention
3.0
3.6
V
t
EFR
2, 3
Chip select to data retention time
0
ns
tR
2, 3
Operation recovery time
t
AVAV
ns
V
DD
DATA RETENTION MODE
tR
50%
50%
VDR > 2.0V
Figure 7. Low V
DD Data Retention Waveform
tEFR
En


Similar Description - 8Q1024K8

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV10248 ISSI-IS61LV10248 Datasheet
116Kb / 16P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV10248ALL ISSI-IS61WV10248ALL Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
logo
Sharp Corporation
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
   CMOS 1M (128K x 8) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com