Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKR105 Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # NKR105
Description  Numeric Display/Case Size 22.8 x 33.0 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NKR105 Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  NKR105 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NKR105 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
2121
21
126
63
126
63
120
60
mW/seg
mA/seg
mA/seg
mA/℃
mA/℃
8484
84
V
※2 IFRM Measurement condition : Duty 1/5, f = 1kHz
Electro-Optical Characteristics
2121
21
MIN.
4284
10
5
TYP.
8
4
16
8
20
10
MIN.
20
10
TYP.
25
12.5
TYP.
4.42.2
4.42.2
3.41.7
MAX.
5.02.5
5.02.5
4.02.0
Reverse Current
-
IR
MAX.
100
(VR=8V)
100
(VR=4V)
100
(VR=8V)
100
(VR=4V)
100
(VR=8V)
100
(VR=4V)
μA/seg
Peak Wavelength
IF=20mA
λp
TYP.
nm
Spectral Line Half Width
IF=20mA
⊿λ
TYP.
nm
30
30
30
-
565
605
660
-20∼+85
-20∼+85
-20∼+85
Green
Orange
Red
1.35
1.35
1.64
-20∼+85
-20∼+85
-20∼+85
100
100
120
0.34
0.34
0.41
Chip / Segment
25
25
30
Absolute Maximum Ratings
Green
Orange
Red
Unit
IF=20mA
mcd/seg
V/seg
mcd/seg
Chip / Segment
Conditions
--
-
IF
IFRM
Forward Voltage
VF
Luminous Intensity(Rank B)
IV
Luminous Intensity(Rank C) IF=20mA
IV
IF=20mA
⊿IFRM
VR
Unit
Power Dissipation
Forward Current
Pulse Forward Current
※ 2
Item
Symbol
Pd
Topr
Tstg
Characteristics
Derating
(Ta=25℃ or higher)
Reverse Voltage
Operating Temperature
Item
Symbol
Storage Temperature
⊿IF
Emitted Color
Case Color
Case Color
Case Color
Case Color
Black
Gray
Black
Gray
2
1
2
1
2
1
※1 Segment NO. a, b, c, d, e, f, g : 2 chips / Segment
Segment NO. D.P : 1 chip / Segment
GaAlAs
Green
Orange
Red
NAR105
NAR107
NKR105
NKR107
GaP
NAA105
NAA107
NKA105
NKA107
GaAsP
NAG105P
NAG107P
NKG105P
NKG107P
※ 1
Chip/
Segment
Part No.
Material
Emitted Color
Anode Common
Cathode Common
105/107 Series
Numeric Display/Case Size 22.8 x 33.0 mm
Page 2
2004.12.22
(Ta=25℃)
(Ta=25℃)


Similar Part No. - NKR105

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NKR131S-B STANLEY-NKR131S-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKR131S-C STANLEY-NKR131S-C Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKR133S-B STANLEY-NKR133S-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKR133S-C STANLEY-NKR133S-C Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
More results

Similar Description - NKR105

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NARG105 STANLEY-NARG105 Datasheet
181Kb / 8P
   Bi-Color Type/Case Size 22.8 x 33.0 mm
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG131SP-B STANLEY-NAG131SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG261P-B STANLEY-NAG261P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 25.2 x 19.0 mm
NAG141P STANLEY-NAG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAR143B STANLEY-NAR143B Datasheet
265Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com