Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA2B2X7R1E223K050BD Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA2B2X7R1E223K050BD
Description  Automotive Grade ( General (Up to 50V) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2X7R1E223K050BD Datasheet(HTML) 1 Page - TDK Electronics

  CGA2B2X7R1E223K050BD Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C1005X7R1E223K for Automotive
Automotive Grade ( Counductive Epoxy Application )
CGA2(1005) [EIA CC0402]
L
1.00mm +/-0.15mm
W
0.50mm +/-0.1mm
T
0.50mm +/-0.1mm
B
0.10mm Min.
G
0.30mm Min.
X7R (-55 to 125 degC +/-15%)
1E (25Vdc)
22nF
K (+/-10%)
3% Max.
10Gohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CGA2B2X7R1E223K050BD
TDK Item Description : CGA2B2X7R1E223KT***B
Cap. vs. Freq. Characteristic
1
10
100
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.1
0.2
0.3
0.4
0.5
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA2B2X7R1E223K050BD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2X7R1E223K050BA TDK-CGA2B2X7R1E223K050BA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1E223K050BA TDK-CGA2B2X7R1E223K050BA Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA2B2X7R1E223K050BA TDK-CGA2B2X7R1E223K050BA_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA2B2X7R1E223K050BD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA4J1X7R0J106K125AC TDK-CGA4J1X7R0J106K125AC Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1E153M050BD TDK-CGA2B2X7R1E153M050BD Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1H102M050BA TDK-CGA2B2X7R1H102M050BA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1H152M050BA TDK-CGA2B2X7R1H152M050BA Datasheet
139Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA1A2X7R1C472K030BA TDK-CGA1A2X7R1C472K030BA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2C0G1H681J080AA TDK-CGA3E2C0G1H681J080AA Datasheet
131Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H104K080AA TDK-CGA3E2X5R1H104K080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H473K080AA TDK-CGA3E2X5R1H473K080AA Datasheet
139Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H682M080AA TDK-CGA3E2X5R1H682M080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H683K080AA TDK-CGA3E2X5R1H683K080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H683M080AA TDK-CGA3E2X5R1H683M080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com