Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDN1102F-TR Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # JDN1102F-TR
Description  Side viewing angle package,Infrared LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JDN1102F-TR Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  JDN1102F-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JDN1102F-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
JDN1102F-TR
Specifications
Page : 4
3.0
E
6.0
12.0
IF = 20mA
Ta = 25℃
Radiant intensity
IE
(mW/sr)
2.1
4.2
MIN.
A
B
Rank
Conditions
MAX.
1.5
C
3.0
6.0
D
4.2
8.4
LEDs shall be sorted out into the following chart.
【 Sorting Chart for Radiant Intensity 】
【 Shipment 】
The each shipping lot shall consist of mixed rank (A, B, C, D, E)
and the quantity of LEDs in each rank can not be specified.
2014.10.20


Similar Description - JDN1102F-TR

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
logo
STANLEY ELECTRIC CO.,LT...
STW1145LTM STANLEY-STW1145LTM Datasheet
337Kb / 13P
   PLCC Side Viewing Type White LED
logo
Everlight Electronics C...
HIR928-6C-F EVERLIGHT-HIR928-6C-F Datasheet
205Kb / 8P
   Side Face Infrared LED
SIR928-6C-F EVERLIGHT-SIR928-6C-F Datasheet
194Kb / 8P
   Side Face Infrared LED
SIR928-6C-F EVERLIGHT-SIR928-6C-F Datasheet
188Kb / 8P
   Side Face Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8_15 Datasheet
209Kb / 10P
   Reverse Package Infrared LED
EAIST3216A4 EVERLIGHT-EAIST3216A4 Datasheet
392Kb / 9P
   Reverse Package Infrared LED
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8_15 Datasheet
1Mb / 9P
   1.6횞0.8mm Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8 Datasheet
204Kb / 10P
   Reverse Package Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com