Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKG107P Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # NKG107P
Description  Numeric Display/Case Size 22.8 x 33.0 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NKG107P Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  NKG107P Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NKG107P Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Page 5
2004.12.22
105/107 Series
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Numeric Display/Case Size 22.8 x 33.0 mm
Technical Data(Orange)


Similar Part No. - NKG107P

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NKG131SP-B STANLEY-NKG131SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKG133SP-B STANLEY-NKG133SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKG141P STANLEY-NKG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NKG141SP-B STANLEY-NKG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NKG143P STANLEY-NKG143P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
More results

Similar Description - NKG107P

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NARG105 STANLEY-NARG105 Datasheet
181Kb / 8P
   Bi-Color Type/Case Size 22.8 x 33.0 mm
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG131SP-B STANLEY-NAG131SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG261P-B STANLEY-NAG261P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 25.2 x 19.0 mm
NAG141P STANLEY-NAG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAR143B STANLEY-NAR143B Datasheet
265Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com