Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5500-G06 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HEDS-5500-G06
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5500-G06 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HEDS-5500-G06 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5500-G06 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Theory of Operation
The HEDS-5500, 5540, 5600,
5640, and HEDM-5500, 5600
translate the rotary motion of a
shaft into either a two- or a three-
channel digital output.
As seen in the block diagram,
these encoders contain a single
Light Emitting Diode (LED) as its
light source. The light is
collimated into a parallel beam by
means of a single polycarbonate
lens located directly over the
LED. Opposite the emitter is the
integrated detector circuit. This
IC consists of multiple sets of
photodetectors and the signal
processing circuitry necessary to
produce the digital waveforms.
The codewheel rotates between
the emitter and detector, causing
the light beam to be interrupted
by the pattern of spaces and bars
on the codewheel. The
photodiodes which detect these
interruptions are arranged in a
pattern that corresponds to the
radius and design of the
codewheel. These detectors are
also spaced such that a light
period on one pair of detectors
corresponds to a dark period on
the adjacent pair of detectors. The
photodiode outputs are then fed
through the signal processing
circuitry resulting in A, A, B and B
(also I and I in the HEDS-5540
and 5640). Comparators receive
these signals and produce the
final outputs for channels A and
B. Due to this integrated phasing
technique, the digital output of
channel A is in quadrature with
that of channel B (90 degrees out
of phase).
In the HEDS-5540 and 5640, the
output of the comparator for I
and I is sent to the index
processing circuitry along with
the outputs of channels A and B.
Block Diagram
revolution.
Pulse Width (P):
The number of
electrical degrees that an output
is high during 1 cycle. This value
is nominally 180
°e or 1/2 cycle.
Pulse Width Error (
∆P): The
deviation, in electrical degrees, of
the pulse width from its ideal
value of 180
°e.
State Width (S):
The number of
electrical degrees between a
transition in the output of channel
A and the neighboring transition
in the output of channel B. There
are 4 states per cycle, each
nominally 90
°e.
State Width Error (
∆S): The
deviation, in electrical degrees, of
each state width from its ideal
value of 90
°e.
Phase (
φ): The number of
electrical degrees between the
center of the high state of channel
A and the center of the high state
of channel B. This value is
nominally 90
°e for quadrature
output.
Phase Error (
∆φ): The deviation
of the phase from its ideal value
of 90
°e.
The final output of channel I is an
index pulse PO which is generated
once for each full rotation of the
codewheel. This output PO is a
one state width (nominally 90
electrical degrees), high true
index pulse which is coincident
with the low states of channels A
and B.
Definitions
Count (N):
The number of bar
and window pairs or counts per
revolution (CPR) of the
codewheel.
One Cycle (C):
360 electrical
degrees (
°e), 1 bar and window
pair.
One Shaft Rotation:
360
mechanical degrees, N cycles.
Position Error (
∆Θ): The
normalized angular difference
between the actual shaft position
and the position indicated by the
encoder cycle count.
Cycle Error (
∆C): An indication
of cycle uniformity. The differ-
ence between an observed shaft
angle which gives rise to one
electrical cycle, and the nominal
angular increment of 1/N of a


Similar Part No. - HEDS-5500-G06

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5500-G06

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com