Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHA1105P-TR Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # FHA1105P-TR
Description  1005(t=0.25mm) Type, water clear lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FHA1105P-TR Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  FHA1105P-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FHA1105P-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
FHA1105P-TR
Page : 4
100
-
15
λd
μA
56.0
MIN.
TYP.
MAX.
SYMBOL CONDITIONS
608
-
40.0
VF
2.4
(Ta=25℃)
IF = 5mA
V
IF = 5mA
VR = 5V
【 Electro and Optical Characteristics 】
ITEM
IR
IF = 5mA
IV
-
610
604
Note
λp
IF = 5mA
Peak Wavelength
28.0
IF = 5mA
598
1.9
mcd
nm
-
-
Δλ
Forward Voltage
Reverse Current
-
-
UNITS
nm
Dominant Wavelength
Above Luminous Intensity (IV) values and Dominant wavelength (λd) values are the setup value of the
selection machine.【Tolerance : IV…±10%, λd…±1nm】
nm
Spectral Line Half Width
Luminous Intensity
2012/10/30
Specifications
Note:
IF =5mA
Ta=25℃
Above Luminous Intensity (IV) values are the setup value of the selection machine.
【Tolerance : IV…±10%】
IV (mcd)
【 Sorting For Luminous Intensity and Dominant Wavelength 】
Conditions
LEDs shall be sorted out into the following ranks of Luminous Intensity and Dominant Wavelength.
28.0
MIN.
A
MAX.
Luminous Intensity (Iv) Rank
Rank
B
40.0
56.0
40.0


Similar Part No. - FHA1105P-TR

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
FHA ACCRETECH-FHA Datasheet
660Kb / 1P
   E xcellent Resistance in the Severe Envir onments
logo
List of Unclassifed Man...
FHA-M3-10 ETC-FHA-M3-10 Datasheet
5Mb / 36P
   SELF-CLINCHING STUDS AND PINS
logo
Littelfuse
FHA1 LITTELFUSE-FHA1 Datasheet
46Kb / 1P
   Intended for use
FHA2 LITTELFUSE-FHA2 Datasheet
46Kb / 1P
   Intended for use
FHA30 LITTELFUSE-FHA30 Datasheet
46Kb / 1P
   Intended for use
More results

Similar Description - FHA1105P-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FHY1105P-TR STANLEY-FHY1105P-TR Datasheet
1Mb / 21P
   1005(t=0.25mm) Type, water clear lens
FHR1105P-TR STANLEY-FHR1105P-TR Datasheet
1Mb / 21P
   1005(t=0.25mm) Type, water clear lens
FHD1105P-TR STANLEY-FHD1105P-TR Datasheet
1Mb / 21P
   1005(t=0.25mm) Type, water clear lens
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
238-501-98 MARL-238-501-98_15 Datasheet
206Kb / 4P
   Water clear lens
206-501-21-38 MARL-206-501-21-38_15 Datasheet
320Kb / 5P
   Water clear lens
205-501-21-38 MARL-205-501-21-38_15 Datasheet
274Kb / 5P
   Water clear lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com