Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAN1101W Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # TAN1101W
Description  Surface Mount IRED/Inner Lens Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TAN1101W Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button TAN1101W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. TAN1101W Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
□□1101W
Surface Mount IRED/Inner Lens Type
2012.11.13
Page 9
10
100
1000
0.001
0.01
0.1
1
1.0
1.1
1.2
1.3
1.4
-40
-20
0
20406080
100
0
10
20
30
40
50
60
70
80
90
-30
-10
10
30
50
70
90
0
50
100
150
200
250
300
350
-30
-10
10
30
50
70
90
Duty=1%
Duty=5%
Duty=50%
Duty=20%
Duty=10%
DC
Technical Data (TAN)
Ambient Temperature vs. Forward Voltage
Condition : IF = 20mA
Ambient Temperature : Ta (℃)
Duty Ratio vs. Pulse Forward Current
Condition : Ta = 25℃, tw ≦ 100μs
Duty Ratio
Derating
Ambient Temperature vs. Maximum Forward Curren
Pulse Width tw≦100μsec
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)


Similar Part No. - TAN1101W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
TAN1102W STANLEY-TAN1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
TAN1105W-TR STANLEY-TAN1105W-TR Datasheet
540Kb / 22P
   Lead?밼ree soldering compatible
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
   Infrared LED (Peak wavelength : 940nm)
More results

Similar Description - TAN1101W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1003 SANKEN-SEC1003 Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Inner Lens)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC2004 SANKEN-SEC2004 Datasheet
28Kb / 1P
   3x2.5 Bicolor Surface Mount LED (Inner Lens)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com