Selected language     English  ▼


LM3352MTC-3.3 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3352MTC-3.3
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 8 page
background image
Filter Capacitor Selection
a) CAPACITOR TECHNOLOGIES
The three major technologies of capacitors that can be used
as filter capacitors for LM3352 are: i) tantalum, ii) ceramic
and iii) polymer electrolytic technologies.
i) Tantalum
Tantalum capacitors are widely used in switching regulators.
Tantalum capacitors have the highest CV rating of any tech-
nology; as a result, high values of capacitance can be ob-
tained in relatively small package sizes. It is also possible to
obtain high value tantalum capacitors in very low profile
(<1.2 mm) packages. This makes the tantalums attractive
for low-profile, small size applications. Tantalums also pos-
sess very good temperature stability; i.e., the change in the
capacitance value, and impedance over temperature is rela-
tively small. However, the tantalum capacitors have relatively
high ESR values which can lead to higher voltage ripple and
their frequency stability (variation over frequency) is not very
good, especially at high frequencies (>1 MHz).
ii) Ceramic
Ceramic capacitors have the lowest ESR of the three tech-
nologies and their frequency stability is exceptionally good.
These characteristics make the ceramics an attractive
choice for low ripple, high frequency applications. However,
the temperature stability of the ceramics is bad, except for
the X7R and X5R dielectric types. High capacitance values
(>1
µF)
are
achievable
from
companies
such
as
Taiyo-yuden which are suitable for use with regulators. Ce-
ramics are taller and larger than the tantalums of the same
capacitance value.
iii) Polymer Electrolytic
Polymer electrolytic is a third suitable technology. Polymer
capacitors provide some of the best features of both the ce-
ramic and the tantalum technologies. They provide very low
ESR values while still achieving high capacitance values.
However, their ESR is still higher than the ceramics, and
their capacitance value is lower than the tantalums of the
same size. Polymers offer good frequency stability (compa-
rable to ceramics) and good temperature stability (compa-
rable to tantalums). The Aluminum Polymer Electrolytics of-
fered by Cornell-Dubilier and Panasonic, and the POSCAPs
offered by Sanyo fall under this category.
Table 1 compares the features of the three capacitor tech-
nologies.
TABLE 1. Comparison of Capacitor Technologies
Ceramic
Tantalum
Polymer
Electrolytic
ESR
Lowest
High
Low
Relative Height
Low for Small Values (<10 µF); Taller for
Higher Values
Lowest
Low
Relative Footprint
Large
Small
Largest
Temperature Stability
X7R/X5R-Acceptable
Good
Good
Frequency Stability
Good
Acceptable
Good
V
OUT Ripple Magnitude @ <50 mA
Low
High
Low
V
OUT Ripple Magnitude @ >100 mA
Low
Slightly Higher
Low
dv/dt of V
OUT Ripple @ All Loads
Lowest
High
Low
b) CAPACITOR SELECTION
i) Output Capacitor (C
OUT)
The output capacitor C
OUT directly affects the magnitude of
the output ripple voltage so C
OUT should be carefully se-
lected. The graphs titled V
OUT Ripple vs. COUT in the Typical
Performance Characteristics section show how the ripple
voltage magnitude is affected by the C
OUT value and the ca-
pacitor technology. These graphs are taken at the gain at
which worst case ripple is observed. In general, the higher
the value of C
OUT, the lower the output ripple magnitude. At
lighter loads, the low ESR ceramics offer a much lower V
OUT
ripple than the higher ESR tantalums of the same value. At
higher loads, the ceramics offer a slightly lower V
OUT ripple
magnitude than the tantalums of the same value. However,
the dv/dt of the V
OUT ripple with the ceramics and polymer
electrolytics is much lower than the tantalums under all load
conditions. The tantalums are suggested for very low profile,
small size applications. The ceramics and polymer electrolyt-
ics are a good choice for low ripple, low noise applications
where size is less of a concern.
ii) Input Capacitor (C
IN)
The input capacitor C
IN directly affects the magnitude of the
input ripple voltage, and to a lesser degree the V
OUT ripple.
A higher value C
IN will give a lower VIN ripple. To optimize
low input and output ripple as well as size a 15 µF polymer
electrolytic, 22 µF ceramic, or 33 µF tantalum capacitor is
recommended. This will ensure low input ripple at 200 mA
load current. If lower currents will be used or higher input
ripple can be tolerated then a smaller capacitor may be used
to reduce the overall size of the circuit. The lower ESR ce-
ramics and polymer electrolytics achieve a lower V
IN ripple
than the higher ESR tantalums of the same value. Tantalums
make a good choice for small size, very low profile applica-
tions. The ceramics and polymer electrolytics are a good
choice for low ripple, low noise applications where size is
less of a concern. The 15 µF polymer electrolytics are physi-
cally much larger than the 33 µF tantalums and 22 µF ceram-
ics.
www.national.com
8




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3354Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2687Low Noise Regulated Switched Capacitor Voltage 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2751Regulated 2X 1.5X Switched Capacitor White LED Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl