Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337LZ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM337LZ
Description  3-Terminal Adjustable Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM337LZ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM337LZ Datasheet HTML 1Page - National Semiconductor (TI) LM337LZ Datasheet HTML 2Page - National Semiconductor (TI) LM337LZ Datasheet HTML 3Page - National Semiconductor (TI) LM337LZ Datasheet HTML 4Page - National Semiconductor (TI) LM337LZ Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation
Internally Limited
Input–Output Voltage Differential
40V
Operating Junction
Temperature Range
−25˚C to +125˚C
Storage Temperature
−55˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
300˚C
Plastic Package (Soldering 4 sec.)
260˚C
ESD rating to be determined.
Electrical Characteristics (Note 2)
Parameter
Conditions
Min
Typ
Max
Units
Line Regulation
T
A = 25˚C, 3V ≤ |VIN −VOUT| ≤ 40V,
0.01
0.04
%/V
(Note 3)
Load Regulation
T
A = 25˚C, 5 mA ≤ IOUT ≤ IMAX, (Note 3)
0.1
0.5
%
Thermal Regulation
T
A = 25˚C, 10 ms Pulse
0.04
0.2
%/W
Adjustment Pin Current
50
100
µA
Adjustment Pin Current Change
5 mA
≤ I
L ≤ 100 mA
0.2
5
µA
3V
≤ |V
IN −VOUT| ≤ 40V
Reference Voltage
3V
≤ |V
IN −VOUT| ≤ 40V, (Note 4)
1.20
1.25
1.30
V
10 mA
≤ I
OUT ≤ 100 mA, P ≤ 625 mW
Line Regulation
3V
≤ |V
IN −VOUT| ≤ 40V, (Note 3)
0.02
0.07
%/V
Load Regulation
5 mA
≤ I
OUT ≤ 100 mA, (Note 3)
0.3
1.5
%
Temperature Stability
T
MIN ≤ Tj ≤ TMAX
0.65
%
Minimum Load Current
|V
IN −VOUT| ≤ 40V
3.5
5
mA
3V
≤ |V
IN −VOUT| ≤ 15V
2.2
3.5
mA
Current Limit
3V
≤ |V
IN −VOUT| ≤ 13V
100
200
320
mA
|V
IN −VOUT| = 40V
25
50
120
mA
Rms Output Noise, % of V
OUT
T
A = 25˚C, 10 Hz ≤ f ≤ 10 kHz
0.003
%
Ripple Rejection Ratio
V
OUT = −10V, F = 120 Hz, CADJ = 065
dB
C
ADJ = 10 µF
66
80
dB
Long-Term Stability
T
A = 125˚C
0.3
1
%
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise specified, these specifications apply −25˚C
≤ Tj ≤ + 125˚C for the LM337L; |VIN −VOUT| = 5V and IOUT = 40 mA. Although power dissi-
pation is internally limited, these specifications are applicable for power dissipations up to 625 mW. IMAX is 100 mA.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are cov-
ered under the specification for thermal regulation.
Note 4: Thermal resistance of the TO-92 package is 180˚C/W junction to ambient with 0.4" leads from a PC board and 160˚C/W junction to ambient with 0.125" lead
length to PC board. The M package
θJA is 180˚C/W in still air.
www.national.com
2


Similar Part No. - LM337LZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337LZ TI1-LM337LZ Datasheet
779Kb / 13P
[Old version datasheet]   LM337L 3-Terminal Adjustable Regulator
LM337LZ/LFT1 TI1-LM337LZ/LFT1 Datasheet
779Kb / 13P
[Old version datasheet]   LM337L 3-Terminal Adjustable Regulator
LM337LZ/LFT1 TI1-LM337LZ/LFT1 Datasheet
779Kb / 13P
[Old version datasheet]   LM337L 3-Terminal Adjustable Regulator
LM337LZ/LFT3 TI1-LM337LZ/LFT3 Datasheet
779Kb / 13P
[Old version datasheet]   LM337L 3-Terminal Adjustable Regulator
LM337LZ/LFT3 TI1-LM337LZ/LFT3 Datasheet
779Kb / 13P
[Old version datasheet]   LM337L 3-Terminal Adjustable Regulator
More results

Similar Description - LM337LZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com