Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRBG1204W Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # BRBG1204W
Description  Bi-Color Type(3.0 x 2.0mm), Milky White resin
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BRBG1204W Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  BRBG1204W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BRBG1204W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Page 1
1204W Series
Bi-color Type (3.0 X 2.5 mm)
Recommended Applications
Communication Machine, Electric Household Appliances, OA/FA, Other General Applications
Dominant wavelength
Green
: 558nm(BG),567nm(PG)
Yellow Green
: 572nm(PY)
Red
: 647nm(BR)
Die materials
BG,PG,PY
:θx = 100 deg., θy = 88 deg.
BR
:θx = 80 deg., θy = 80 deg.
BG,PG,PY
: GaP
BR
: GaAlAs
Assembly method
Soldering methods
Taping and reel
ESD
Auto pick & place machine (Auto Mounter)
2,500pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
More than 2kV(HBM)
Reflow soldering and manual soldering
Half Intensity Angle
Features
Outer Dimension 3.0 x 2.5 x 1.5mm ( L x W x H )
Temperature range
Storage Temperature
Operating Temperature
Lead–free soldering compatible
RoHS compliant
Package
Product features
: -40℃~100℃
: -30℃~85℃
Bi-Color Type(3.0 x 2.0mm), Milky White resin
2007.8.31


Similar Part No. - BRBG1204W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRBG1201W STANLEY-BRBG1201W Datasheet
296Kb / 14P
   Bi-color Type (3.0 X 2.5 mm), Milky White resin
More results

Similar Description - BRBG1204W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1201W STANLEY-BRBG1201W Datasheet
296Kb / 14P
   Bi-color Type (3.0 X 2.5 mm), Milky White resin
logo
LUMEX INC.
SSF-LXH240YGWID LUMEX-SSF-LXH240YGWID Datasheet
59Kb / 1P
   BI-COLOR YELLOW/GREEN MILKY WHITE LENS
logo
STANLEY ELECTRIC CO.,LT...
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
UB1113F-TR STANLEY-UB1113F-TR Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
PG1112H-TR STANLEY-PG1112H-TR Datasheet
431Kb / 21P
   2125(h =0.8mm) Type, Milky White resin
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
VRPG5645X STANLEY-VRPG5645X Datasheet
1Mb / 18P
   Bi-color ?5 Round shape type, Milky White Surface Diffused epoxy
logo
Kingbright Corporation
AA3020EC KINGBRIGHT-AA3020EC Datasheet
133Kb / 6P
   3.0 x 2.0mm SINGLE COLOR SURFACE
logo
LUMEX INC.
SSL-LX5099IGW-02 LUMEX-SSL-LX5099IGW-02 Datasheet
55Kb / 1P
   T-5mm LED, RED/GREEN BI-COLOR MILKY WHITE DIFFUSED LENS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com