Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR35100R Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # MBR35100R
Description  Not ESD Sensitive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR35100R Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  MBR35100R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR35100R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR35100R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR3545 thru MBR35100R
www.genesicsemi.com/silicon-products/schottky-rectifiers/
2


Similar Part No. - MBR35100R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR35100R TEL-MBR35100R Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
logo
Naina Semiconductor ltd...
MBR35100R NAINA-MBR35100R Datasheet
124Kb / 2P
   Schottky Power Diode, 35A
logo
GeneSiC Semiconductor, ...
MBR35100R GENESIC-MBR35100R Datasheet
799Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR35100R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
   Not ESD Sensitive
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
   Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
   Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
   Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
   Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
   Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
   Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
   Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
   Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
   Not ESD Sensitive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com