Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRPY1201W Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # BRPY1201W
Description  Bi-color Type (3.0 X 2.5 mm), Milky White resin
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BRPY1201W Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button BRPY1201W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. BRPY1201W Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Package Dimensions
Recommended Soldering Pattern
(Unit: mm)
Taping Specification
(Unit: mm)
(Unit: mm)
Quantity : 2,500pcs/ reel (standard)
Bi-color Type (3.0 X 2.5 mm)
1201W Series
Page 11
Weight: (13.0)mg
2007.10.12


Similar Part No. - BRPY1201W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
More results

Similar Description - BRPY1201W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
UB1113F-TR STANLEY-UB1113F-TR Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
logo
LUMEX INC.
SSF-LXH240YGWID LUMEX-SSF-LXH240YGWID Datasheet
59Kb / 1P
   BI-COLOR YELLOW/GREEN MILKY WHITE LENS
logo
STANLEY ELECTRIC CO.,LT...
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
PG1112H-TR STANLEY-PG1112H-TR Datasheet
431Kb / 21P
   2125(h =0.8mm) Type, Milky White resin
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
VRPG5645X STANLEY-VRPG5645X Datasheet
1Mb / 18P
   Bi-color ?5 Round shape type, Milky White Surface Diffused epoxy
BRPG1211C-TR STANLEY-BRPG1211C-TR Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com