Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB20H04-JT Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB20H04-JT
Description  4-PORT USB2.0 HUB CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JT Datasheet(HTML) 4 Page - SMSC Corporation

  USB20H04-JT Datasheet HTML 1Page - SMSC Corporation USB20H04-JT Datasheet HTML 2Page - SMSC Corporation USB20H04-JT Datasheet HTML 3Page - SMSC Corporation USB20H04-JT Datasheet HTML 4Page - SMSC Corporation USB20H04-JT Datasheet HTML 5Page - SMSC Corporation USB20H04-JT Datasheet HTML 6Page - SMSC Corporation USB20H04-JT Datasheet HTML 7Page - SMSC Corporation USB20H04-JT Datasheet HTML 8Page - SMSC Corporation USB20H04-JT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4-Port USB2.0 Hub Controller
Datasheet
Revision 1.63 (10-14-04)
Page 4
SMSC USB20H04
DATASHEET
PAGE(S)
SECTION/FIGURE/ENTRY
CORRECTION
REVISION LEVEL
AND DATE
29
Table 8.8 - Time Values to
Configure From EEPROM
Value added to MAX column:
T4 – 70 ns
Revision 1.2
08-04-03
28
Figure 8.3 - Timing for
Configuration from SMBus
Updated figure
Revision 1.2
08-04-03
29
Figure 8.4 - Timing to Complete
Configuration from EEPROM
Updated figure
Revision 1.2
08-04-03
16, 16,
18
Chapter 6 Electrical Characteristics
Updated the following tables:
Table 6.1 - Electrical Characteristics:
Supply Pins, Table 6.2 - DC Electrical
Characteristics: Digital Pins, Table 6.4 - DC
Electrical Characteristics: Analog I/O Pins
(DP/DM)
Removed Table 6.5 – Dynamic
Characteristics: Analog I/O Pins (DP/DM)
Revision 1.2
07-31-03
27
8.4.1 External Hardware Reset
Updated section
Revision 1.2
07-31-03
28
Table 8.7 - Time Values to
Configure from SMBus
Updated table
Revision 1.2
07-31-03
29
8.4.1.2 EEPROM Configuration
Timing
Updated:
Table 8.8 - Time Values to Configure From
EEPROM
Revision 1.2
07-31-03
Features
Changed reference to QFP package to
TQFP package.
Revision 1.1
07/28/03
11
Figure 3.1– 64 Pin TQFP
Updated figure title
Revision 0.94
1/31/03
13
Table 4.3 - USB I/O Signals
See tracked changes
Revision 0.94
1/31/03
15
Table 5.1 - Absolute Maximum
Ratings (In accordance with the
Absolute Maximum Rating system
(IEC 60134)
Replaced table
Revision 0.94
1/31/03
18
Table 6.4 - DC Electrical
Characteristics: Analog I/O Pins
(DP/DM)
Removed reference to Figure 6.1
Revision 0.94
1/31/03
18
Dynamic Characteristics: Analog
I/O Pins (DP/DM)
Removed references to Figure 6.2
Revision 0.94
1/31/03
19
7.1 Bus-Power Detect
See tracked changes
Revision 0.94
1/31/03
20
7.5.1 SMBus Slave
See tracked changes
Revision 0.94
1/31/03
23
8.1 Configuration Implementations
See tracked changes
Revision 0.94
1/31/03
23
8.1.1 Interfacing a 2-wire Serial
EEPROM
See tracked changes
Revision 0.94
1/31/03
24
Table 8.1 - Summary of OEM
Value Programming
See tracked changes
Revision 0.94
1/31/03


Similar Part No. - USB20H04-JT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB20H04-JT SMSC-USB20H04-JT Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
More results

Similar Description - USB20H04-JT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
logo
SMSC Corporation
USB2504 SMSC-USB2504 Datasheet
429Kb / 6P
   INTEGRATED USB2.0 COMPATIBLE 4 - PORT HUB
logo
List of Unclassifed Man...
GL650USB ETC-GL650USB Datasheet
210Kb / 16P
   USB 4 PORT HUB CONTROLLER
logo
SMSC Corporation
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
   Integrated USB2.0 Compatible 3-Port Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
   4-Port SuperSpeed USB Hub Controller
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
Microchip Technology
USB5534B MICROCHIP-USB5534B Datasheet
952Kb / 73P
   4-Port SS/HS USB Hub Controller
07/14/15
USB5744 MICROCHIP-USB5744 Datasheet
729Kb / 49P
   4-Port SS/HS USB Controller Hub
07/14/15
USB5734 MICROCHIP-USB5734 Datasheet
796Kb / 61P
   4-Port SS/HS USB Controller Hub
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com