Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3GH-2405SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3GH-2405SZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3GH-2405SZ Datasheet(HTML) 1 Page - AIMTEC

  AM3GH-2405SZ Datasheet HTML 1Page - AIMTEC AM3GH-2405SZ Datasheet HTML 2Page - AIMTEC AM3GH-2405SZ Datasheet HTML 3Page - AIMTEC AM3GH-2405SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM3GH-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 4
North America only
FEATURES:
 SIP 8 Package
Ultra-Wide Input Range 4:1
 Low Ripple and Noise
1600VDC I/O Isolation
 Continuous Short Circuit Protection
Efficiency up to 82%
 -40ºC to +85ºC Operating Temperature Range
Remote ON/OFF Control
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM3GH-1203SZ
4.5-18
3.3
700
1760
72
AM3GH-1205SZ
4.5-18
5
600
1000
77
AM3GH-1212SZ
4.5-18
12
250
170
81
AM3GH-1215SZ
4.5-18
15
200
110
81
AM3GH-2403SZ
9-36
3.3
700
1760
75
AM3GH-2405SZ
9-36
5
600
1000
79
AM3GH-2412SZ
9-36
12
250
170
82
AM3GH-2415SZ
9-36
15
200
110
82
AM3GH-4803SZ
18-75
3.3
700
1760
7
AM3GH-4805SZ
18-75
5
600
1000
78
AM3GH-4812SZ
18-75
12
250
170
80
AM3GH-4815SZ
18-75
15
200
110
81
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM3GH-1205DZ
4.5-18
±5
±300
±470
77
AM3GH-1212DZ
4.5-18
±12
±125
±100
80
AM3GH-1215DZ
4.5-18
±15
±100
±47
80
AM3GH-2405DZ
9-36
±5
±300
±470
79
AM3GH-2412DZ
9-36
±12
±125
±100
79
AM3GH-2415DZ
9-36
±15
±100
±47
80
AM3GH-4805DZ
18-75
±5
±300
±470
79
AM3GH-4812DZ
18-75
±12
±125
±100
79
AM3GH-4815DZ
18-75
±15
±100
±47
79
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
4.5-18
VDC
24
9-36
48
18-75
Filter
Capacitor
Start up time
30
ms
Absolute Maximum Rating
12
25
VDC
24
50
48
100
Peak Input Voltage time
100
ms
On/Off control
ON 0 to 0.6VDC (or open) ; OFF:2.7 to 15.0VDC, OFF idle current: 2-4mA
No Load Input Current
40
mA
Input reflected current
20
mA p-p
Click on Series name for product info on aimtec.com


Similar Part No. - AM3GH-2405SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3GH-2405SZ AIMTEC-AM3GH-2405SZ Datasheet
137Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3GH-2405SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com