Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3T-1207S-VZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM3T-1207S-VZ
Description  3 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-1207S-VZ Datasheet(HTML) 4 Page - AIMTEC

  AM3T-1207S-VZ Datasheet HTML 1Page - AIMTEC AM3T-1207S-VZ Datasheet HTML 2Page - AIMTEC AM3T-1207S-VZ Datasheet HTML 3Page - AIMTEC AM3T-1207S-VZ Datasheet HTML 4Page - AIMTEC AM3T-1207S-VZ Datasheet HTML 5Page - AIMTEC AM3T-1207S-VZ Datasheet HTML 6Page - AIMTEC AM3T-1207S-VZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series AM3T-VZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.H
4 of 7
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Voltage
60 sec
1500 (3500 ‘H35’
model)
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
±1
%
Voltage Balance
Balanced Load
±1
%
Short Circuit Protection
Continuous
Short Circuit Restart
Auto Recovery
Line Voltage Regulation
±0.5
%
Load Voltage Regulation
±0.5
%
Temperature Coefficient
±0.02
%/oC
Ripple & Noise*
At 20MHz Bandwidth
60
mV p-p
* In order to achieve ripple and noise specification, a 100μF capacitor is required to be connected to the output of the converter
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching Frequency
100% load
100-400
KHz
Operating Temperature
Full Load
-40 to +85
oC
Storage Temperature
-40 to +125
oC
Max Case Temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case Material
Nickel coated copper
Weight
12.16
G
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02
inches
1.25 x 0.8 x 0.4 inches
31.75 x 20.32 x 10.16 mm
MTBF
>1,000,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency Approvals
CE
Standards
Designed to meet IEC 60950-1
Pin Out Specifications
Pin
1500 VDC Isolation
3500 VDC Isolation
Single
Dual
Single
Dual
1
+V Input
+V Input
No Pin
No Pin
2
N.C.
-V Output
-V Input
-V Input
3
N.C.
Common
-V Input
-V Input
9
No pin
No pin
No pin
Common
10
-V Output
Common
No pin
No pin
11
+V Output
+V Output
N.C.
-V Output
12
-V Input
-V Input
No pin
No pin
13
-V Input
-V Input
No pin
No pin
14
+V Output
+V Output
+V Output
+V Output
15
-V Output
Common
No pin
No pin
16
No pin
No pin
-V Output
Common
22
N.C.
Common
+V Input
+V Input
23
N.C.
-V Output
+V Input
+V Input
24
+V Input
+V Input
No pin
No pin


Similar Part No. - AM3T-1207S-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-1207S-VZ AIMTEC-AM3T-1207S-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3T-1207S-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com