Electronic Components Datasheet Search |
|
XC6203E36APH Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC6203E36APH Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 18 page XC6203 Series ■Electrical Characteristics XC6203X182 VOUT(T)=1.8V (Note 1) Ta=25 °C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Maximum Output Current Load Regulation Dropout Voltage (Note3) Input Voltage Output Voltage Temperature Characteristics Output Voltage VOUT(E)(Note2) IOUTmax ΔVOUT Vdif1 Vdif2 Supply Current ISS Line Regulation ΔVOUT ΔVIN・ΔVOUT VIN ΔVOUT ΔTopr・VOUT Ilim Short Circuit Current (XC6203P Series Only) VIN=2.8V IOUT=40mA VIN=2.8V VOUT ≥VOUT(E)×0.90 VIN=2.8V 1mA ≤IOUT≤200mA IOUT=100mA IOUT=200mA IOUT=40mA 2.8V ≤VIN≤8.0V VIN=2.8V IOUT=40mA -40 °C≤Topr≤85°C VIN=2.8V VOUT=0V 1.764 400 1.800 40 200 400 8.0 0.2 ±100 60 1.836 100 300 600 16.0 0.3 8 V mA mV mV µA %/V V ppm / °C mA 245 3 XC6203X252 VOUT(T)=2.5V (Note 1) Ta=25 °C MIN TYP MAX IOUTmax ΔVOUT Vdif1 Vdif2 ISS ΔVOUT ΔVIN・ΔVOUT VIN ΔVOUT ΔTopr・VOUT Ilim VIN=3.5V IOUT=40mA VIN=3.5V VOUT>VOUT(E)×0.93 VIN=3.5V 1mA ≤IOUT≤200mA IOUT=100mA IOUT=200mA IOUT=40mA 3.5V ≤VIN≤8.0V VIN=3.5V IOUT=40mA -40 °C≤Topr≤85°C VIN=3.5V VOUT=0V 2.450 400 2.500 40 170 320 8.0 0.2 ±100 60 2.550 100 250 500 16.0 0.3 8 V mA mV mV µA %/V V ppm / °C mA PARAMETER SYMBOL CONDITIONS UNITS Maximum Output Current Load Regulation Dropout Voltage (Note3) Input Voltage Output Voltage Temperature Characteristics Output Voltage VOUT(E)(Note2) Supply Current Line Regulation Short Circuit Current (XC6203P Series Only) 03S_03XC6203 02.9.12 2:54 PM ページ 245 |
Similar Part No. - XC6203E36APH |
|
Similar Description - XC6203E36APH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |