Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30PRA20 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 30PRA20
Description  FRD - 3A 200A 90ns
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

30PRA20 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  30PRA20 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 30PRA20 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 30PRA20 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 30PRA20 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 30PRA20 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OUTLINE DRAWING
Maximum Ratings
Apporox Net Weight:1.19g
Rating
Symbol
30PRA20
Unit
Repetitive Peak Reverse Voltage
VRRM
200
V
3.0
Tl=124
°C (Tl:Lead
Temperature)
Average Rectified Output Current
IO
1.6
Ta=34
°C *1
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
4.71
A
Surge Forward Current
IFSM
100
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical/Thermal
• Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 3 A
-
-
1.07
V
Reverse Recovery Time
trr
Ta= 25
°C, IFM=1A, -di/dt=50A/µs
90
ns
Rth(j-l) Junction to Lead
8
Thermal Resistance
Rth(j-a) Junction to Ambient
∗1
-
-
80
°C/W
∗1: Without Fin or P.C. Board mounted
FRD Type
Type
Type
Type
: 30
30
30
30PRA20
PRA20
PRA20
PRA20
FEATURES
* Super Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 100 Volts thru 600 Volts Types Available
3A 200V 90ns


Similar Part No. - 30PRA20

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
30PRA20 NI-30PRA20_15 Datasheet
263Kb / 1P
   FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
   FRED
More results

Similar Description - 30PRA20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30PRA10 NIEC-30PRA10 Datasheet
105Kb / 5P
   FRD - 3A 100A 90ns
15KRA10 NIEC-15KRA10 Datasheet
64Kb / 5P
   FRD - 1.5A 100V 90ns
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
   FRD - 1.5A 200V 90ns
30PRA60 NIEC-30PRA60 Datasheet
56Kb / 5P
   FRD - 3A 600A 210ns
30PRA40 NIEC-30PRA40 Datasheet
72Kb / 5P
   FRD - 3A 400A 210ns
30PHA20 NIEC-30PHA20 Datasheet
83Kb / 6P
   SBD - 3A 200A Axial
logo
National Instruments Co...
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
   FRD
PH270F2 NI-PH270F2_15 Datasheet
156Kb / 2P
   FRD
logo
List of Unclassifed Man...
10DF2 ETC-10DF2 Datasheet
24Kb / 2P
   FRD
logo
National Instruments Co...
PH270F6 NI-PH270F6_15 Datasheet
181Kb / 2P
   FRD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com