Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX74 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX74
Description  Dual D-Type Flip-Flop with Set and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX74 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX74_14 Datasheet HTML 1Page - ON Semiconductor MC74LVX74_14 Datasheet HTML 2Page - ON Semiconductor MC74LVX74_14 Datasheet HTML 3Page - ON Semiconductor MC74LVX74_14 Datasheet HTML 4Page - ON Semiconductor MC74LVX74_14 Datasheet HTML 5Page - ON Semiconductor MC74LVX74_14 Datasheet HTML 6Page - ON Semiconductor MC74LVX74_14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LVX74
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = −40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay
CP to O or O
VCC = 2.7V
CL = 15pF
CL = 50pF
7.3
9.8
15.0
18.5
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.7
8.2
9.7
13.2
1.0
1.0
11.5
15.0
tPLH,
tPHL
Propagation Delay
SD or CD to O or O
VCC = 2.7V
CL = 15pF
CL = 50pF
8.4
10.9
15.6
19.1
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
6.6
9.1
10.1
13.6
1.0
1.0
12.0
15.5
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 2.7V
CL = 15pF
CL = 50pF
55
45
135
60
50
40
MHz
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
95
60
145
85
80
50
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7V
CL = 50pF
VCC = 3.3 ±0.3V
CL = 50pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
TA = 25_C
TA = −40 to 85_C
tw
Minimum Pulse Width, CP
2.7V
3.3V
±0.3
8.5
6.0
10.0
7.0
ns
tw
Minimum Pulse Width, CD or SD
2.7V
3.3V
±0.3
8.5
6.0
10.0
7.0
ns
tsu
Minimum Setup Time, D to CP
2.7V
3.3V
±0.3
8.0
5.5
9.5
6.5
ns
th
Minimum Hold Time, D to CP
2.7V
3.3V
±0.3
0.5
0.5
0.5
0.5
ns
trec
Minimum Recovery Time, SD or CD to CP
2.7V
3.3V
±0.3
6.5
5.0
7.5
5.0
ns
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
TA = 25°C
TA = −40 to 85°C
Unit
Min
Typ
Max
Min
Max
Cin
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 2)
25
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 2 (per flip−flop). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.3
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Similar Part No. - MC74LVX74_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX74D MOTOROLA-MC74LVX74D Datasheet
153Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX74DR2 ONSEMI-MC74LVX74DR2 Datasheet
112Kb / 7P
   Dual D?뭈ype Flip?묯lop with Set and Clear
June, 2006 ??Rev. 3
MC74LVX74DR2G ONSEMI-MC74LVX74DR2G Datasheet
112Kb / 7P
   Dual D?뭈ype Flip?묯lop with Set and Clear
June, 2006 ??Rev. 3
logo
Motorola, Inc
MC74LVX74DT MOTOROLA-MC74LVX74DT Datasheet
153Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX74DT ONSEMI-MC74LVX74DT Datasheet
112Kb / 7P
   Dual D?뭈ype Flip?묯lop with Set and Clear
June, 2006 ??Rev. 3
More results

Similar Description - MC74LVX74_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS76A MOTOROLA-SN54LS76A Datasheet
63Kb / 2P
   DUAL JK FLIP-FLOP WITH SET AND CLEAR
logo
ON Semiconductor
SN74LS76A ONSEMI-SN74LS76A_01 Datasheet
54Kb / 4P
   Dual JK Flip-Flop with Set and Clear
October, 2001 ??Rev. 7
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
MC74VHCT74A ONSEMI-MC74VHCT74A Datasheet
147Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
1998 REV 0
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com