Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT4051DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVXT4051DG
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVXT4051DG Datasheet HTML 1Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 2Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 3Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVXT4051
http://onsemi.com
4
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25
°C
v85°C v125°C
VIH
Minimum High−Level Input
Voltage,
Channel−Select or Enable Inputs
3.0
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input
Voltage,
Channel−Select or Enable Inputs
3.0
4.5
5.5
0.5
0.8
0.8
0.5
0.8
0.8
0.5
0.8
0.8
V
IIN
Maximum Input Leakage Current,
Channel−Select or Enable Inputs
VIN = 6.0 or GND
0 V to 6.0 V
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND
6.0
4.0
40
80
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25
°C
v85_C v125_C
RON
Maximum “ON” Resistance
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA (Figure 3)
3.0
4.5
3.0
0
0
−3.0
86
37
26
108
46
33
120
55
37
W
DRON
Maximum Difference in “ON” Res-
istance Between Any Two
Channels in the Same Package
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
3.0
4.5
3.0
0
0
−3.0
15
13
10
20
18
15
20
18
15
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
+3.0
0
−3.0
0.1
0.1
0.5
0.5
1.0
1.0
mA
Maximum Off−Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
Ion
Maximum On−Channel
Leakage Current,
Channel−to−Channel
Vin = VIL or VIH;
Switch−to−Switch =
VCC or GND; (Figure 5)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
mA
AC CHARACTERISTICS (Input tr = tf = 3 ns)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25
_C
v85_C v125_C
Min
Typ*
tBBM
Minimum Break−Before−Make
Time
VIN = VIL or VIH
VIS = VCC
RL = 300 W, CL = 35 pF
(Figures 11 and 12)
3.0
4.5
3.0
0.0
0.0
−3.0
1.0
1.0
1.0
6.5
5.0
3.5
ns
*Typical Characteristics are at 25
_C.


Similar Part No. - MC74LVXT4051DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
More results

Similar Description - MC74LVXT4051DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com