Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL26CV12B-10LP Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # GAL26CV12B-10LP
Description  High Performance E2CMOS PLD Generic Array Logic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL26CV12B-10LP Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button GAL26CV12B-10LP Datasheet HTML 5Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 6Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 7Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 8Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 9Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 10Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 11Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 12Page - Lattice Semiconductor GAL26CV12B-10LP Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Specifications GAL26CV12
9
Specifications GAL26CV12B
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Specification section.
3) Refer to fmax Specification section.
tpd
A
Input or I/O to Combinatorial Output
3
10
3
15
3
20
ns
tco
A
Clock to Output Delay
2
7
2
8
2
12
ns
tcf2
Clock to Feedback Delay
2.5
2.5
10
ns
tsu
1
Setup Time, Input or Feedback before Clock
7
10
12
ns
tsu
2
Setup Time, SP before Clock
10
10
12
ns
th
Hold Time, Input or Feedback after Clock
0
0
0
ns
A
Maximum Clock Frequency with
71.4
55.5
41.6
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
105
80
45.4
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
105
83.3
62.5
MHz
No Feedback
twh
Clock Pulse Duration, High
4
6
8
ns
twl
Clock Pulse Duration, Low
4
6
8
ns
ten
B
Input or I/O to Output Enabled
3
10
3
15
3
20
ns
tdis
C
Input or I/O to Output Disabled
3
10
3
15
3
20
ns
tar
A
Input or I/O to Asynchronous Reset of Register
3
13
3
20
3
25
ns
tarw
Asynchronous Reset Pulse Duration
8
10
15
ns
tarr
Asynchronous Reset to Clock Recovery Time
8
10
15
ns
tspr
Synchronous Preset to Clock Recovery Time
10
10
12
ns
PARAMETER
UNITS
TEST
COND.1
DESCRIPTION
-20
MIN. MAX.
-15
MIN. MAX.
-10
MIN. MAX.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
COM / IND
COM
COM / IND
AC Switching Characteristics
Over Recommended Operating Conditions
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL26CV12B-10LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL26CLV12 LATTICE-GAL26CLV12 Datasheet
225Kb / 13P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL26CLV12D-5LJ LATTICE-GAL26CLV12D-5LJ Datasheet
225Kb / 13P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL26CLV12D-7LJ LATTICE-GAL26CLV12D-7LJ Datasheet
225Kb / 13P
   Low Voltage E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL26CV12B-10LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com