Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX573DTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX573DTG
Description  Octal D-Type Latch with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX573DTG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX573DTG Datasheet HTML 1Page - ON Semiconductor MC74LVX573DTG Datasheet HTML 2Page - ON Semiconductor MC74LVX573DTG Datasheet HTML 3Page - ON Semiconductor MC74LVX573DTG Datasheet HTML 4Page - ON Semiconductor MC74LVX573DTG Datasheet HTML 5Page - ON Semiconductor MC74LVX573DTG Datasheet HTML 6Page - ON Semiconductor MC74LVX573DTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LVX573
http://onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
−40
+85
°C
Dt/DV
Input Rise and Fall Time
0
100
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = −40 to 85°C
Unit
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
2.0
3.0
3.6
1.5
2.0
2.4
1.5
2.0
2.4
V
VIL
Low−Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High−Level Output Voltage
(Vin = VIH or VIL)
IOH = −50 mA
IOH = −50 mA
IOH = −4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output Voltage
(Vin = VIH or VIL)
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
Iin
Input Leakage Current
Vin = 5.5 V or GND
3.6
±0.1
±1.0
mA
IOZ
Maximum 3−State Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
3.6
±0.2
5
±2.5
mA
ICC
Quiescent Supply Current
Vin = VCC or GND
3.6
4.0
40.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = −40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay
LE to O
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
8.2
10.7
15.6
19.1
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
6.4
8.9
10.1
13.6
1.0
1.0
12.0
15.5
tPLH,
tPHL
Propagation Delay
D to O
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
7.6
10.1
14.5
18.0
1.0
1.0
17.5
21.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
5.9
8.4
9.3
12.8
1.0
1.0
11.0
14.5
tPZL,
tPZH
Output Enable Time
OE to O
VCC = 2.7 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
7.8
10.3
15.0
18.5
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
6.1
8.6
9.7
13.2
1.0
1.0
12.0
15.5
tPLZ,
tPHZ
Output Disable Time
OE to O
VCC = 2.7 V
CL = 50 pF
RL = 1 kW
12.1
19.1
1.0
22.0
ns
VCC = 3.3 ± 0.3 V
CL = 50 pF
RL = 1 kW
10.1
13.6
1.0
15.5
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7 V
CL = 50 pF
VCC = 3.3 ± 0.3 V
CL = 50 pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Similar Part No. - MC74LVX573DTG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX573DT MOTOROLA-MC74LVX573DT Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX573DT ONSEMI-MC74LVX573DT Datasheet
102Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX573DTR2 ONSEMI-MC74LVX573DTR2 Datasheet
102Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
More results

Similar Description - MC74LVX573DTG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com