Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX02 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX02
Description  Quad 2-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX02 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX02 Datasheet HTML 1Page - ON Semiconductor MC74LVX02 Datasheet HTML 2Page - ON Semiconductor MC74LVX02 Datasheet HTML 3Page - ON Semiconductor MC74LVX02 Datasheet HTML 4Page - ON Semiconductor MC74LVX02 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74LVX02
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = −40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay, Input to
Output
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
5.9
8.4
10.7
14.2
1.0
1.0
13.5
17.0
ns
VCC = 3.3 ±0.3 V
CL = 15 pF
CL = 50 pF
4.5
7.0
6.6
10.1
1.0
1.0
8.0
11.5
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7 V
CL = 50 pF
VCC = 3.3 ±0.3 V
CL = 50 pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
TA = 25°C
TA = −40 to 85°C
Unit
Min
Typ
Max
Min
Max
Cin
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 2)
15
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per gate). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.3
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
Figure 2. Switching Waveforms
VCC
GND
50%
50% VCC
A or B
O
tPHL
tPLH
*Includes all probe and jig capacitance
Figure 3. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX02DR2G
SOIC−14 NB
(Pb−Free)
2500 Tape & Reel
MC74LVX02DTR2G
TSSOP−14
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74LVX02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX02 MOTOROLA-MC74LVX02 Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX02 ONSEMI-MC74LVX02 Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX02 ONSEMI-MC74LVX02 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
Motorola, Inc
MC74LVX02D MOTOROLA-MC74LVX02D Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX02D ONSEMI-MC74LVX02D Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
More results

Similar Description - MC74LVX02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com