Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX00DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX00DTR2G
Description  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX00DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX00DTR2G Datasheet HTML 1Page - ON Semiconductor MC74LVX00DTR2G Datasheet HTML 2Page - ON Semiconductor MC74LVX00DTR2G Datasheet HTML 3Page - ON Semiconductor MC74LVX00DTR2G Datasheet HTML 4Page - ON Semiconductor MC74LVX00DTR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 5
1
Publication Order Number:
MC74LVX00/D
MC74LVX00
Quad 2-Input NAND Gate
With 5 V−Tolerant Inputs
The MC74LVX00 is an advanced high speed CMOS 2−input
NAND gate. The inputs tolerate voltages up to 7.0 V, allowing the
interface of 5.0 V systems to 3.0 V systems.
Features
High Speed: tPD = 4.1 ns (Typ) at VCC = 3.3 V
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Low Noise: VOLP = 0.5 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
These Devices are Pb−Free and are RoHS Compliant
3
O0
1
A0
Figure 1. Logic Diagram
2
B0
6
O1
4
A1
5
B1
11
O2
13
A2
12
B2
8
O3
10
A3
9
B3
L
L
H
H
L
H
L
H
Inputs
Outputs
An
Bn
H
H
H
L
On
FUNCTION TABLE
PIN NAMES
Function
Data Inputs
Outputs
Pins
An, Bn
On
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
MARKING DIAGRAMS
TSSOP−14
DT SUFFIX
CASE 948G
SOIC−14 NB
D SUFFIX
CASE 751A
LVX00G
AWLYWW
1
14
LVX
00
ALYW
G
G
1
14
LVX00
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
(Note: Microdot may be in either location)
TSSOP−14
SOIC−14 NB
PIN ASSIGNMENT
14−Lead (Top View)
13
14
12
11
10
9
8
2
1
3
456
7
VCC A2 B2 O2 A3 B3 O3
A0
B0
O0
A1
B1
O1 GND


Similar Part No. - MC74LVX00DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX00DTR2 ONSEMI-MC74LVX00DTR2 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
More results

Similar Description - MC74LVX00DTR2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com